Electronic Components Datasheet Search
  English  ▼

X  

AP2205 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2205 Datasheet HTML 5Page - Diodes Incorporated AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated AP2205 Datasheet HTML 10Page - Diodes Incorporated AP2205 Datasheet HTML 11Page - Diodes Incorporated AP2205 Datasheet HTML 12Page - Diodes Incorporated AP2205 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
9 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Performance Characteristics (Cont.)
Ground Current vs. Output Current
Ground Current vs. Output Current
Load Transient
Load Transient
(Conditions: VIN=2.5V, CIN=1.0µF, COUT=2.2µF,
(Conditions: VIN=2.5V, CIN=1.0µF, COUT=2.2µF,
IOUT=1mA to 50mA)
IOUT=1mA to 100mA)
Load Transient
Load Transient
(Conditions: VIN=2.5V, CIN=1.0µF, COUT=2.2µF,
(Conditions: VIN=2.5V, CIN=1.0µF, COUT=2.2µF,
IOUT=1mA to 150mA)
IOUT=50mA to 100mA)
0
40
80
120
160
200
0
1000
2000
3000
4000
5000
V
IN=4.3V
AP2205-3.3V
T
A= -40
oC
T
A= +25
oC
T
A= +85
oC
T
A= +125
oC
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
1000
2000
3000
4000
5000
T
A=-40
oC
T
A=+25
oC
T
A=+85
oC
T
A=+125
oC
V
IN=2.5V
V
EN=VIN
Output Current (mA)
AP2205-1.5V
AP2205-1.5V
AP2205-1.5V
AP2205-1.5V
VOUT
(100mV/div)
IOUT
(100mA/div)
Time (200µs/div)
VOUT
(100mV/div)
IOUT
(100mA/div)
Time (200µs/div)
VOUT
(100mV/div)
IOUT
(100mA/div)
Time (200µs/div)
VOUT
(100mV/div)
Time (200µs/div)
AP2205-1.5V
VIN
(2V/div)
IOUT
(100mA/div)
VIN
(2V/div)
VIN
(2V/div)
VIN
(2V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com