Electronic Components Datasheet Search
  English  ▼

X  

ICS94235 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS94235
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94235 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS94235 Datasheet HTML 7Page - Integrated Circuit Systems ICS94235 Datasheet HTML 8Page - Integrated Circuit Systems ICS94235 Datasheet HTML 9Page - Integrated Circuit Systems ICS94235 Datasheet HTML 10Page - Integrated Circuit Systems ICS94235 Datasheet HTML 11Page - Integrated Circuit Systems ICS94235 Datasheet HTML 12Page - Integrated Circuit Systems ICS94235 Datasheet HTML 13Page - Integrated Circuit Systems ICS94235 Datasheet HTML 14Page - Integrated Circuit Systems ICS94235 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS94235
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Electrical Characteristics - Input/Supply/Common Ouput Parameters.
TA = 0 - 70
º C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High VoltageVIH
2
VDD+0.3V
Input Low VoltageVIL
VSS-0.3
0.8V
Input High CurrentIIH
VIN = VDD
5
uA
Input Low CurrentIIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
uA
Input Low CurrentIIL2
VIN = 0 V; Inputs with pull-up resistors
-200
uA
Operating
IDD3.3OP66
CL = 0 pF; Select @ 66MHz
Supply Current
IDD3.3OP100
CL = 0 pF; Select @ 66MHz
180
mA
IDD3.3OP133
CL = 0 pF; Select @ 133MHz
Power DownPD
600
uA
Input frequency
Fi
VDD = 3.3 V;
12
14.318
16
MHz
Input Capacitance1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3
ms
tAGP-PCI
300
750
tCPU-SDRAM
200
350
tCPU-PCI
2.67
3
ns
1Guaranteed by design, not 100% tested in production.
Skew1
VT = 50%
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com