Electronic Components Datasheet Search
  English  ▼

X  

ICS94235 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS94235
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94235 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS94235 Datasheet HTML 8Page - Integrated Circuit Systems ICS94235 Datasheet HTML 9Page - Integrated Circuit Systems ICS94235 Datasheet HTML 10Page - Integrated Circuit Systems ICS94235 Datasheet HTML 11Page - Integrated Circuit Systems ICS94235 Datasheet HTML 12Page - Integrated Circuit Systems ICS94235 Datasheet HTML 13Page - Integrated Circuit Systems ICS94235 Datasheet HTML 14Page - Integrated Circuit Systems ICS94235 Datasheet HTML 15Page - Integrated Circuit Systems ICS94235 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ICS94235
Third party brands and names are the property of their respective owners.
Electrical Characteristics - CPUCLK (Open Drain)
TA = 0 - 70
º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output ImpedanceZO
VO = VX
Ohms
Output High VoltageVOH2B
Termination to Vpull-up(external)
1
1.2V
Output Low VoltageVOL2B
Termination to Vpull-up(external)
0.4V
Output Low CurrentIOL2B
VOL = 0.3V
18
mA
Rise Time1
tr2B
VOL = 0.3V, VOH = 1.2 V
0.9
ns
Fall Time1
tf2B
VOH = 1.2 V, VOL = 0.3 V
0.913
0.9
ns
Vpullup(external)
Differential Voltage-AC1
VDIF
Note 2
0.4
0.6V
Vpullup(external)
Differential Voltage-DC1
VDIF
Note 2
0.2
0.6V
Differential Crossover Voltage1
VX
Note 3
550
1100
mV
Duty Cycle1
dt2B
VT = 50%
45
53
55%
Skew1
tsk2B
VT = 50%
250
ps
Jitter, Cycle-to-cycle1
tjcyc-cyc2B
VT = VX
201
250
ps
Jitter, Absolute1
tjabs2B
VT = 50%
-250
250
ps
Notes:
1
- Guaranteed by design, not 100% tested in production.
2
- VDIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the TRUE
input level and VCP is the "complement" input level.
3
- Vpullup(external) = 1.5V, Min = Vpullup(external)/2-150mV; Max = (Vpullup(external)/2)+150mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com