Electronic Components Datasheet Search
  English  ▼

X  

ICS94235 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS94235
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94235 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS94235 Datasheet HTML 1Page - Integrated Circuit Systems ICS94235 Datasheet HTML 2Page - Integrated Circuit Systems ICS94235 Datasheet HTML 3Page - Integrated Circuit Systems ICS94235 Datasheet HTML 4Page - Integrated Circuit Systems ICS94235 Datasheet HTML 5Page - Integrated Circuit Systems ICS94235 Datasheet HTML 6Page - Integrated Circuit Systems ICS94235 Datasheet HTML 7Page - Integrated Circuit Systems ICS94235 Datasheet HTML 8Page - Integrated Circuit Systems ICS94235 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ICS94235
Third party brands and names are the property of their respective owners.
Brief I
2C registers description for ICS94235
Programmable System Frequency Generator
Register Name
Byte
Description
PWD Default
Functionality & Frequency
Select Register
0
Output frequency, hardware / I
2
C
frequency select, spread spectrum &
output enable control register.
See individual
byte description
Output Control Registers
1-6
Active / inactive output control
registers/latch inputs read back.
See individual
byte description
Vendor ID & Revision ID
Registers
7
Byte 11 bit[7:4] is ICS vendor id - 1001.
Other bits in this register designate device
revis ion ID of this part.
See individual
byte description
Byte Count
Read Back Register
8
Writing to this register will configure
byte count and how many byte will be
read back. Do not write 00H to this byte.
08H
Watchdog Timer
Count Register
9
Writing to this register will configure the
number of seconds for the watchdog
timer to reset.
10H
Watchdog Control Registers 10 Bit [6:0]
Watchdog enable, watchdog status and
programmable ’safe’frequency’ can be
configured in this register.
000,0000
VCO Control Selection Bit
10 Bit [7]
This bit select whether the output
frequency is control by hardware/byte 0
configurations or byte 11&12
programming.
0
VCO Frequency Control
Registers
11-12
Thes e registers control the dividers ratio
into the phase detector and thus control
the VCO output frequency.
Depended on
hardware/byte 0
configuration
Spread Spectrum Control
Registers
13-14
These registers control the spread
percentage amount.
Depended on
hardware/byte 0
configuration
Group Skews Control
Registers
15-16
Increment or decrement the group skew
amount as compared to the initial skew.
See individual
byte description
Output Rise/Fall Time
Select Registers
17-20
These registers will control the output
rise and fall time.
See individual
byte description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com