Electronic Components Datasheet Search
  English  ▼

X  

AP7330 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7330
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7330 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7330 Datasheet HTML 2Page - Diodes Incorporated AP7330 Datasheet HTML 3Page - Diodes Incorporated AP7330 Datasheet HTML 4Page - Diodes Incorporated AP7330 Datasheet HTML 5Page - Diodes Incorporated AP7330 Datasheet HTML 6Page - Diodes Incorporated AP7330 Datasheet HTML 7Page - Diodes Incorporated AP7330 Datasheet HTML 8Page - Diodes Incorporated AP7330 Datasheet HTML 9Page - Diodes Incorporated AP7330 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP7330
Document number: DS40022 Rev. 2 - 2
6 of 13
www.diodes.com
February 2018
© Diodes Incorporated
AP7330
VOUT=1V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
1.000
0.950
1.050
3
2
1
VOUT=3.3V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
3.300
3.250
3.350
5
4
3
VOUT=4.5V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
4.500
4.450
4.550
5
4
6
Typical Characteristics (Cont.)
Line Transient Response Waveforms (IOUT = 30mA, tR = tF = 5μs, CIN = None, COUT = 1μF, TA = +25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com