Electronic Components Datasheet Search
  English  ▼

X  

AP7330 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7330
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7330 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7330 Datasheet HTML 5Page - Diodes Incorporated AP7330 Datasheet HTML 6Page - Diodes Incorporated AP7330 Datasheet HTML 7Page - Diodes Incorporated AP7330 Datasheet HTML 8Page - Diodes Incorporated AP7330 Datasheet HTML 9Page - Diodes Incorporated AP7330 Datasheet HTML 10Page - Diodes Incorporated AP7330 Datasheet HTML 11Page - Diodes Incorporated AP7330 Datasheet HTML 12Page - Diodes Incorporated AP7330 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP7330
Document number: DS40022 Rev. 2 - 2
10 of 13
www.diodes.com
February 2018
© Diodes Incorporated
AP7330
Ordering Information (Note 12)
AP7330X - X - X
Packing
Package
W5 : SOT25
7 : Tape & Reel
Output Discharge
Blank : Non-discharge
D : Output Discharge
Part Number
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP7330-W5-7
W5
SOT25
3,000/Tape & Reel
-7
AP7330D-W5-7
W5
SOT25
3,000/Tape & Reel
-7
Note:
12. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
(1) SOT25
1
2
3
5
4
XX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
(Top View)
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
XX Y W X
Part Number
Package Type
Identification Code
AP7330-W5-7
SOT25
YH
AP7330D-W5-7
SOT25
YJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com