Electronic Components Datasheet Search
  English  ▼

X  

AP7330 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7330
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7330 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7330 Datasheet HTML 1Page - Diodes Incorporated AP7330 Datasheet HTML 2Page - Diodes Incorporated AP7330 Datasheet HTML 3Page - Diodes Incorporated AP7330 Datasheet HTML 4Page - Diodes Incorporated AP7330 Datasheet HTML 5Page - Diodes Incorporated AP7330 Datasheet HTML 6Page - Diodes Incorporated AP7330 Datasheet HTML 7Page - Diodes Incorporated AP7330 Datasheet HTML 8Page - Diodes Incorporated AP7330 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP7330
Document number: DS40022 Rev. 2 - 2
1 of 13
www.diodes.com
February 2018
© Diodes Incorporated
AP7330
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Description
The AP7330 is a low dropout regulator with high output voltage
accuracy, low RDS(ON), high PSRR, low output noise and low
quiescent current. This regulator is based on a CMOS process.
The AP7330 includes a voltage reference, error amplifier, current limit
circuit and an enable input to turn it on and off. With its low power
consumption and line and load transient response, the AP7330 is well
suited for low power handheld communication equipment.
The AP7330 is packaged in SOT25 package, allows for smallest
footprint and dense PCB layout.
Features
Low VIN and Wide VIN Range: 1.8V to 5.5V
Wide VOUT Range: 1.0V to 4.5V
Guarantee Output Current: 300mA
VOUT Accuracy ±1%
Ripple Rejection 80dB at 1kHz
Low Output Noise, 60µVrms from 10Hz to 100kHz
Quiescent Current as Low as 45µA
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
5
3
2
1
4 ADJ
VOUT
VIN
GND
EN
SOT25
Applications
Smart Phone/Tablet
RF Supply
Cameras
Portable Video
Portable Media Player
Wireless Adapter
Wireless Communication
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen, Antimony and Beryllium-f
ree "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br +
Cl), <1000ppm antimony compounds and <1000ppm Beryllium.
Typical Applications Circuit
1
μF
VIN
GND
EN
VOUT
Enable
ADJ
R2
R1
1
μF
VIN
VOUT
AP7330


Similar Part No. - AP7330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7332-1010FM-7 DIODES-AP7332-1010FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1010W6-7 DIODES-AP7332-1010W6-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
More results

Similar Description - AP7330

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
300mA Low Noise High PSRR LDO with Shutdown
logo
Diodes Incorporated
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com