Electronic Components Datasheet Search
  English  ▼

X  

AP7330 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7330
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7330 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7330 Datasheet HTML 3Page - Diodes Incorporated AP7330 Datasheet HTML 4Page - Diodes Incorporated AP7330 Datasheet HTML 5Page - Diodes Incorporated AP7330 Datasheet HTML 6Page - Diodes Incorporated AP7330 Datasheet HTML 7Page - Diodes Incorporated AP7330 Datasheet HTML 8Page - Diodes Incorporated AP7330 Datasheet HTML 9Page - Diodes Incorporated AP7330 Datasheet HTML 10Page - Diodes Incorporated AP7330 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP7330
Document number: DS40022 Rev. 2 - 2
7 of 13
www.diodes.com
February 2018
© Diodes Incorporated
AP7330
VOUT=1V
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
20
40
60
80
100
1.00
0.98
1.02
150
100
50
0
VIN=2V
tr=tf=1µs
VOUT=3.3V
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
20
40
60
80
100
3.30
3.28
3.32
VIN=4.3V
tr=tf=1µs
150
100
50
0
VOUT=4.5V
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
20
40
60
80
100
4.50
4.48
4.52
VIN=5.5V
tr=tf=1µs
150
100
50
0
VOUT=1V
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
20
40
60
80
100
400
200
0
1.00
0.90
1.10
VIN=2V
tr=tf=1µs
VOUT=3.3V
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
20
40
60
80
100
400
200
0
3.30
3.20
3.40
VIN=4.3V
tr=tf=1µs
VOUT=4.5V
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
20
40
60
80
100
400
200
0
4.50
4.40
4.60
VIN=5.5V
tr=tf=1µs
Typical Characteristics (Cont.)
Load Transient Response Waveforms (VIN = VOUT+1V, CIN = COUT = 1μF, TA = +25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com