Electronic Components Datasheet Search
  English  ▼

X  

AP7370 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7370 Datasheet HTML 5Page - Diodes Incorporated AP7370 Datasheet HTML 6Page - Diodes Incorporated AP7370 Datasheet HTML 7Page - Diodes Incorporated AP7370 Datasheet HTML 8Page - Diodes Incorporated AP7370 Datasheet HTML 9Page - Diodes Incorporated AP7370 Datasheet HTML 10Page - Diodes Incorporated AP7370 Datasheet HTML 11Page - Diodes Incorporated AP7370 Datasheet HTML 12Page - Diodes Incorporated AP7370 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
9 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
Ordering Information
AP7370 - X X - X
Package
W5/WW/WR : SOT25
Output Voltage
Packing
7/13 : 7"/13" Tape & Reel
Product Name
12 : Fixed Output 1.2V
15 : Fixed Output 1.5V
18 : Fixed Output 1.8V
28 : Fixed Output 2.8V
30 : Fixed Output 3.0V
33 : Fixed Output 3.3V
36 : Fixed Output 3.6V
50 : Fixed Output 5.0V
Y : SOT89
SA : SOT23
FDC : U-DFN2020-6
(Type C)
Part Number
Package Code
Package
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP7370-XXW5-7
W5
SOT25
3000/Tape & Reel
-7
AP7370-XXWR-7
WR
SOT25
3000/Tape & Reel
-7
AP7370-XXWW-7
WW
SOT25
3000/Tape & Reel
-7
AP7370-XXY-13
Y
SOT89
2500/Tape & Reel
-13
AP7370-XXSA-7
SA
SOT23
3000/Tape & Reel
-7
AP7370-XXFDC-7
FDC
U-DFN2020-6 (Type C)
3000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com