Electronic Components Datasheet Search
  English  ▼

X  

AP7370 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7370 Datasheet HTML 1Page - Diodes Incorporated AP7370 Datasheet HTML 2Page - Diodes Incorporated AP7370 Datasheet HTML 3Page - Diodes Incorporated AP7370 Datasheet HTML 4Page - Diodes Incorporated AP7370 Datasheet HTML 5Page - Diodes Incorporated AP7370 Datasheet HTML 6Page - Diodes Incorporated AP7370 Datasheet HTML 7Page - Diodes Incorporated AP7370 Datasheet HTML 8Page - Diodes Incorporated AP7370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
1 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Description
The AP7370 series is a positive voltage regulator IC.
The AP7370 has features of wide input voltage range, high accuracy,
low dropout voltage, current limit, reverse current protection, and
ultra-low quiescent current which make it ideal for use in various USB
and portable devices and instrument application.
The IC consists of a voltage reference, an error amplifier, a resistor
network for setting output voltage, a current limit circuit for current
protection, and a chip enable circuit.
The AP7370 is available in 1.2V, 1.5V, 1.8V, 2.8V, 3.0V, 3.3V, 3.6V
and 5.0V fixed output voltage versions.
The AP7370 is available in space-saving SOT23, SOT25, SOT89 and
U-DFN2020-6 (Type C) packages.
Features
Wide Input Voltage Range: Up to 18V
Low Dropout Voltage: VDROP = 500mV @ IOUT = 100mA
Low Ground Current
High Output Voltage Accuracy
Compatible with Low ESR Ceramic Capacitor
Excellent Line/Load Regulation
Thermal Shutdown Function
Short Current Protection
Reverse Current Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Portable Information Appliances
Metering
Weighing Scales
Pin Assignments
(Top View)
(Top View)
SOT25 (W5)
SOT25 (WR)
(Top View)
(Top View)
SOT25 (WW)
SOT89
(Top View)
(Top View)
U-DFN2020-6 (Type C)
SOT23
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
3
2
1
VIN
GND
VOUT
1
2
3
VIN
GND
VOUT
GND
1
2
3
5
4
VIN
GND
NC
VOUT
NC
1
2
3
5
4
VIN
GND
VOUT
NC
NC
1
2
3
5
4
GND
VIN
VOUT
NC
NC
SOT89
VOUT
NC
GND
VIN
NC
NC
1
2
3
4
5
6


Similar Part No. - AP7370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7372 DIODES-AP7372 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372 DIODES-AP7372 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-18CBA6-7 DIODES-AP7372-18CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
More results

Similar Description - AP7370

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com