Electronic Components Datasheet Search
  English  ▼

X  

AP7370 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7370 Datasheet HTML 9Page - Diodes Incorporated AP7370 Datasheet HTML 10Page - Diodes Incorporated AP7370 Datasheet HTML 11Page - Diodes Incorporated AP7370 Datasheet HTML 12Page - Diodes Incorporated AP7370 Datasheet HTML 13Page - Diodes Incorporated AP7370 Datasheet HTML 14Page - Diodes Incorporated AP7370 Datasheet HTML 15Page - Diodes Incorporated AP7370 Datasheet HTML 16Page - Diodes Incorporated AP7370 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
14 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
Package Outline Dimensions (continued)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(3)
Package Type: SOT89
(4)
Package Type: U-DFN2020-6 (Type C)
H1
E
H
D1
B
e
c
L
A
D
8° (4X)
D2
E2
z
L1
R0.2
00
B1
D
D2
E
e
b
L
E2
A
A1
A3
Seating Plane
Pin #1 ID
Z(4x)
SOT89
Dim
Min
Max
Typ
A
1.40
 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.327 0.527
0.427
z
0.20
0.40
0.30
All Dimensions in mm
U-DFN2020-6
Type C
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
A3
––
––
0.15
b
0.25
0.35
0.30
D
1.95
2.075
2.00
D2
1.55
1.75
1.65
E
1.95
2.075
2.00
E2
0.86
1.06
0.96
e
––
––
0.65
L
0.25
0.35
0.30
Z
––
––
0.20
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com