Electronic Components Datasheet Search
  English  ▼

X  

AP7370 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7370
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7370 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7370 Datasheet HTML 7Page - Diodes Incorporated AP7370 Datasheet HTML 8Page - Diodes Incorporated AP7370 Datasheet HTML 9Page - Diodes Incorporated AP7370 Datasheet HTML 10Page - Diodes Incorporated AP7370 Datasheet HTML 11Page - Diodes Incorporated AP7370 Datasheet HTML 12Page - Diodes Incorporated AP7370 Datasheet HTML 13Page - Diodes Incorporated AP7370 Datasheet HTML 14Page - Diodes Incorporated AP7370 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP7370
Document number: DS41820 Rev. 1 - 2
11 of 17
www.diodes.com
March 2019
© Diodes Incorporated
AP7370
Marking Information (continued)
(2)
SOT89
(Top View)
Part Number
Package
Identification Code
AP7370-12Y-13
SOT89
B8A
AP7370-15Y-13
SOT89
B8F
AP7370-18Y-13
SOT89
B8B
AP7370-28Y-13
SOT89
B8G
AP7370-30Y-13
SOT89
B8C
AP7370-33Y-13
SOT89
B8D
AP7370-36Y-13
SOT89
B8E
AP7370-50Y-13
SOT89
B8H
(3)
SOT23
(Top View)
XXX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
1
2
3
XXX
Y W X
Part Number
Package
Identification Code
AP7370-12SA-7
SOT23
B8J
AP7370-15SA-7
SOT23
B8R
AP7370-18SA-7
SOT23
B8K
AP7370-28SA-7
SOT23
B8S
AP7370-30SA-7
SOT23
B8M
AP7370-33SA-7
SOT23
B8N
AP7370-36SA-7
SOT23
B8P
AP7370-50SA-7
SOT23
B8T
1
2
3
XXX
Y W X
XXX : Identification Code
Y : Year : 0 ~ 9
W : Week : A ~ Z : 1 ~ 26 Week;
a ~ z : 27 ~ 52 Week;
z Represents 52 and 53 Week
X : Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com