Electronic Components Datasheet Search
  English  ▼

X  

AP7384 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7384
Description  WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7384 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7384 Datasheet HTML 1Page - Diodes Incorporated AP7384 Datasheet HTML 2Page - Diodes Incorporated AP7384 Datasheet HTML 3Page - Diodes Incorporated AP7384 Datasheet HTML 4Page - Diodes Incorporated AP7384 Datasheet HTML 5Page - Diodes Incorporated AP7384 Datasheet HTML 6Page - Diodes Incorporated AP7384 Datasheet HTML 7Page - Diodes Incorporated AP7384 Datasheet HTML 8Page - Diodes Incorporated AP7384 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP7384
Document number: DS40700 Rev. 2 - 2
5 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP7384
Performance Characteristics (Cont.)
Dropout Voltage vs. Output Current
Dropout Voltage vs. Temperature
IGND vs. Input Voltage
IGND vs. Output Current
Load Transient
IGND vs Temperature
CIN=1µF, COUT=2.2µF, VIN=VOUT+2V, IOUT=0 to 50mA
VOUT
200mV/div
IOUT
50mA/div
Time 200µs/div
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
AP7384-3.3V
T
A
= -40
OC
T
A
= 25
OC
T
A
= 85
OC
Output Current (mA)
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
AP7384-3.3V
I
OUT
= 10mA
I
OUT
= 50mA
Temperature (
OC)
0
5
10
15
20
25
30
35
40
0
4
8
12
16
20
AP7384-3.3V
T
A
= -40
OC
T
A
= 25
OC
T
A
= 85
OC
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
0
4
8
12
16
20
AP7384-3.3V
V
IN
= 5.3V
I
OUT
= 0mA
Temperature (
OC)
0
10
20
30
40
50
0
20
40
60
80
100
AP7384-3.3V
V
IN
= 5.3V
T
A
= -40
OC
T
A
= 25
OC
T
A
= 85
OC
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com