Electronic Components Datasheet Search
  English  ▼

X  

AP7384 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7384
Description  WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7384 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7384 Datasheet HTML 1Page - Diodes Incorporated AP7384 Datasheet HTML 2Page - Diodes Incorporated AP7384 Datasheet HTML 3Page - Diodes Incorporated AP7384 Datasheet HTML 4Page - Diodes Incorporated AP7384 Datasheet HTML 5Page - Diodes Incorporated AP7384 Datasheet HTML 6Page - Diodes Incorporated AP7384 Datasheet HTML 7Page - Diodes Incorporated AP7384 Datasheet HTML 8Page - Diodes Incorporated AP7384 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP7384
Document number: DS40700 Rev. 2 - 2
1 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP7384
WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
Description
The AP7384 series is a positive voltage regulator IC.
The AP7384 has features of wide input voltage range, high accuracy,
low dropout voltage, current limit and ultra-low quiescent current
which make it ideal for use in various USB and portable devices.
The IC consists of a voltage reference, an error amplifier, a resistor
network for setting output voltage, a current limit circuit for current
protection, and a chip enable circuit.
The AP7384 has 2.8V, 3.3V, 5V and 7V fixed voltage version.
The AP7384 is available in space-saving SOT89, SOT23 and TO92
(Ammo Packing) packages.
Features
Wide Input Voltage Range: Up to 40V
Low Dropout Voltage: VDROP = 500mV@IOUT = 50mA @ VOUT =
3.3V
Low Ground Current
High Output Voltage Accuracy
Compatible with Low ESR Ceramic Capacitor
Excellent Line/Load Regulation
Thermal Shutdown Function
Short Current Protection Function
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimo
ny Free. “Green” Device (Note 3)
Applications
E-Meter
Battery-powered Equipment
Laptop, Palmtops, Notebook Computers
Portable Information Appliances
Pin Assignments
(Top View)
SOT89
(Top View)
TO92 (Ammo Packing)
(Top View)
SOT23
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
1
2
3
VOUT
GND
VIN
1
2
3
VIN
GND
VOUT
GND
3
2
1
VIN
VOUT
GND


Similar Part No. - AP7384

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7380-18W5-7 DIODES-AP7380-18W5-7 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7380-18WR-7 DIODES-AP7380-18WR-7 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7380-18Y-13 DIODES-AP7380-18Y-13 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7380-30W5-7 DIODES-AP7380-30W5-7 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
More results

Similar Description - AP7384

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1515X RICOH-R1515X Datasheet
847Kb / 20P
50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com