Electronic Components Datasheet Search
  English  ▼

X  

AP7384 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7384
Description  WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7384 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7384 Datasheet HTML 4Page - Diodes Incorporated AP7384 Datasheet HTML 5Page - Diodes Incorporated AP7384 Datasheet HTML 6Page - Diodes Incorporated AP7384 Datasheet HTML 7Page - Diodes Incorporated AP7384 Datasheet HTML 8Page - Diodes Incorporated AP7384 Datasheet HTML 9Page - Diodes Incorporated AP7384 Datasheet HTML 10Page - Diodes Incorporated AP7384 Datasheet HTML 11Page - Diodes Incorporated AP7384 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP7384
Document number: DS40700 Rev. 2 - 2
9 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP7384
Package Outline Dimensions (Cont. All dimensions in mm.)
(2)
TO92 (Ammo Packing)
2.540(0. 100)
Typ
1.270(0. 050)
Typ
0.
(0. 015)
0.550(0. 022 )
4.400(0. 173
)
4.800(0.189
)
3. 430(0. 135)
MIN
0. 320(0. 013)
0. 510(0. 020)
0. 000(0. 000)
0. 380(0. 015)
MAX
1. 100(0. 043
1. 400(0. 055
)
Φ1.600(0.063)
)
380
2.500(0. 098
)
4.000(0.157
)
13.000(0. 512
)
15.000(0.591
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com