Electronic Components Datasheet Search
  English  ▼

X  

AP7384 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7384
Description  WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7384 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7384 Datasheet HTML 2Page - Diodes Incorporated AP7384 Datasheet HTML 3Page - Diodes Incorporated AP7384 Datasheet HTML 4Page - Diodes Incorporated AP7384 Datasheet HTML 5Page - Diodes Incorporated AP7384 Datasheet HTML 6Page - Diodes Incorporated AP7384 Datasheet HTML 7Page - Diodes Incorporated AP7384 Datasheet HTML 8Page - Diodes Incorporated AP7384 Datasheet HTML 9Page - Diodes Incorporated AP7384 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP7384
Document number: DS40700 Rev. 2 - 2
6 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP7384
Ordering Information
AP7384 - X X - X
Packing
7/13 : Tape & Reel
Output Voltage
28 : 2.8V
33 : 3.3V
50 : 5.0V
70 : 7.0V
V : TO92 (Ammo Packing)
Y : SOT89
SA : SOT23
Package
A : Ammo
Part Number
Package Code
Packaging
7
”/13” Tape and Reel/Ammo
Quantity
Part Number Suffix
AP7384-28V-A
V
TO92 (Ammo Packing)
2000/Ammo
-A
AP7384-33V-A
V
TO92 (Ammo Packing)
2000/Ammo
-A
AP7384-50V-A
V
TO92 (Ammo Packing)
2000/Ammo
-A
AP7384-70V-A
V
TO92 (Ammo Packing)
2000/Ammo
-A
AP7384-28Y-13
Y
SOT89
2500/Tape & Reel
-13
AP7384-33Y-13
Y
SOT89
2500/Tape & Reel
-13
AP7384-50Y-13
Y
SOT89
2500/Tape & Reel
-13
AP7384-70Y-13
Y
SOT89
2500/Tape & Reel
-13
AP7384-28SA-7
SA
SOT23
3000/Tape & Reel
-7
AP7384-33SA-7
SA
SOT23
3000/Tape & Reel
-7
AP7384-50SA-7
SA
SOT23
3000/Tape & Reel
-7
AP7384-70SA-7
SA
SOT23
3000/Tape & Reel
-7
Marking Information
(1)
SOT89
(Top View)
Part Number
Package
Identification Code
AP7384-28Y-13
SOT89
F4A
AP7384-33Y-13
SOT89
F4B
AP7384-50Y-13
SOT89
F4C
AP7384-70Y-13
SOT89
F4D
1
2
3
XXX
Y W X
XXX : Identification Code
Y : Year : 0 ~ 9
W : Week : A ~ Z : 1 ~ 26 Week;
a ~ z : 27 ~ 52 Week;
z Represents 52 and 53 Week
X : Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com