Electronic Components Datasheet Search
  English  ▼

X  

STL8N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL8N65M2
Description  N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL8N65M2 Datasheet HTML 1Page - STMicroelectronics STL8N65M2 Datasheet HTML 2Page - STMicroelectronics STL8N65M2 Datasheet HTML 3Page - STMicroelectronics STL8N65M2 Datasheet HTML 4Page - STMicroelectronics STL8N65M2 Datasheet HTML 5Page - STMicroelectronics STL8N65M2 Datasheet HTML 6Page - STMicroelectronics STL8N65M2 Datasheet HTML 7Page - STMicroelectronics STL8N65M2 Datasheet HTML 8Page - STMicroelectronics STL8N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics curves
Figure 1. Safe operating area
GIPD080520191143SOA
101
100
10-1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Single pulse,TC = 25 °C
TJ ≤ 150 °C, VGS = 10 V
10-2
Figure 2. Thermal impedance
Single pulse
0.05
0.02
0.01
d=0.5
0.1
0.2
K
tp(s)
10-5 10-4 10-3
10-2
10-1
10
-6
10-3
10-2
ZthPowerFlat_5x6_19
10-1 100
Figure 3. Output characteristics
ID
6
2
0
0
5
VDS(V)
10
(A)
15
4V
5V
VGS=7, 8, 9, 10V
4
8
20
6V
GIPG060820141159FSR
Figure 4. Transfer characteristics
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
8
VDS=20V
GIPG060820141210FSR
Figure 5. Normalized V(BR)DSS vs temperature
V(BR)DSS
-75
0
TJ(°C)
(norm)
-25
75
25
125
0.88
0.92
0.96
1.00
1.04
1.08
ID=1mA
GADG270520190908MT
Figure 6. Source-drain diode forward characteristics
GIPD220520191021RID
1.10
1.05
1.00
0.95
0.90
0
1
2
3
4
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STL8N65M2
Electrical characteristics curves
DS13016 - Rev 1
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com