Electronic Components Datasheet Search
  English  ▼

X  

STL8N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL8N65M2
Description  N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL8N65M2 Datasheet HTML 2Page - STMicroelectronics STL8N65M2 Datasheet HTML 3Page - STMicroelectronics STL8N65M2 Datasheet HTML 4Page - STMicroelectronics STL8N65M2 Datasheet HTML 5Page - STMicroelectronics STL8N65M2 Datasheet HTML 6Page - STMicroelectronics STL8N65M2 Datasheet HTML 7Page - STMicroelectronics STL8N65M2 Datasheet HTML 8Page - STMicroelectronics STL8N65M2 Datasheet HTML 9Page - STMicroelectronics STL8N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Gate charge vs gate-source voltage
VGS
6
4
2
0
0
4
Qg(nC)
(V)
8
6
8
10
VDD=520V
ID=5A
300
200
100
0
400
500
VDS
2
10
VDS
(V)
12
600
GIPG060820141216FSR
Figure 8. Capacitance variations
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
GIPG060820141238FSR
Figure 9. Normalized gate threshold voltage vs
temperature
VGS(th)
0.9
0.8
0.7
0.6
-75
0
TJ(°C)
(norm)
25
1.0
75
25
125
ID=250μA
1.1
GADG270520190910MT
Figure 10. Normalized on-resistance vs temperature
RDS(on)
1.8
1.0
0.2
-75
0
TJ(°C)
(norm)
-25
75
25
125
0.6
1.4
2.2
ID=2.5A
VGS=10V
GADG270520190911MT
Figure 11. Source-drain diode forward characteristics
GIPD220520191023SDF
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0
1
2
3
4
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25 °C
Tj = 150 °C
Figure 12. Output capacitance stored energy
GIPD080520191142EOS
2.4
1.8
1.2
0.6
0.0
0
100 200 300 400 500 600
EOSS
(µJ)
VDS (V)
STL8N65M2
Electrical characteristics curves
DS13016 - Rev 1
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com