Electronic Components Datasheet Search
  English  ▼

X  

STL8N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL8N65M2
Description  N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL8N65M2 Datasheet HTML 1Page - STMicroelectronics STL8N65M2 Datasheet HTML 2Page - STMicroelectronics STL8N65M2 Datasheet HTML 3Page - STMicroelectronics STL8N65M2 Datasheet HTML 4Page - STMicroelectronics STL8N65M2 Datasheet HTML 5Page - STMicroelectronics STL8N65M2 Datasheet HTML 6Page - STMicroelectronics STL8N65M2 Datasheet HTML 7Page - STMicroelectronics STL8N65M2 Datasheet HTML 8Page - STMicroelectronics STL8N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
PowerFLAT 5x6 HV
AM15540v1
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on ) max.
ID
STL8N65M2
650 V
1.25 Ω
4 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.
Product status link
STL8N65M2
Product summary
Order code
STL8N65M2
Marking
8N65M2
Package
PowerFLAT 5x6 HV
Packing
Tape and reel
N-channel 650 V, 1 Ω typ., 4 A MDmesh M2 Power MOSFET
in a PowerFLAT 5x6 HV package
STL8N65M2
Datasheet
DS13016 - Rev 1 - May 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL8N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
08-Aug-2011
More results

Similar Description - STL8N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
07-Dec-2016
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com