Electronic Components Datasheet Search
  English  ▼

X  

STL22N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL22N60DM6
Description  N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL22N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STL22N60DM6 Datasheet HTML 1Page - STMicroelectronics STL22N60DM6 Datasheet HTML 2Page - STMicroelectronics STL22N60DM6 Datasheet HTML 3Page - STMicroelectronics STL22N60DM6 Datasheet HTML 4Page - STMicroelectronics STL22N60DM6 Datasheet HTML 5Page - STMicroelectronics STL22N60DM6 Datasheet HTML 6Page - STMicroelectronics STL22N60DM6 Datasheet HTML 7Page - STMicroelectronics STL22N60DM6 Datasheet HTML 8Page - STMicroelectronics STL22N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG280120221105SOA
101
100
10-1
10-2
10-3
10-1
100
101
102
ID
(A)
VDS (V)
Operation
in
this
area
is limited
by
R
DS(on)
Single pulse
TJ≤150 °C
TC=25 °C
tp=1 µs
tp=10 µs
tp=100 µs
tp=1 ms
tp=10 ms
Figure 2. Maximum transient thermal impedance
GADG280120221106ZTH
100
10-1
10-2
10-3
10-6
10-5
10-4
10-3
10-2
10-1
ZthJC
(°C/W)
tp (s)
0.1
0.05
0.3
0.2
0.4
Single pulse
ton
T
duty = ton / T
RthJC = 1.23 °C/W
Figure 3. Typical output characteristics
GADG110220191516OCH
36
30
24
18
12
6
0
0
3
6
9
12
15
18
ID
(A)
VDS (V)
VGS = 6 V
VGS = 7 V
VGS = 8 V
VGS = 9 V
VGS = 10 V
Figure 4. Typical transfer characteristics
GADG110220191516TCH
36
30
24
18
12
6
0
3
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 18 V
Figure 5. Typical gate charge characteristics
GADG110220191517QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
4
8
12
16
20
24
VDS
(V)
VGS
(V)
Qg (nC)
VDS
Qg
Qgd
Qgs
VDD = 480 V, ID = 15 A
Figure 6. Typical capacitance characteristics
GADG110220191516CVR
10 3
10 2
10 1
10 0
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
STL22N60DM6
Electrical characteristics (curves)
DS13914 - Rev 1
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com