Electronic Components Datasheet Search
  English  ▼

X  

STL22N60DM6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL22N60DM6
Description  N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL22N60DM6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL22N60DM6 Datasheet HTML 6Page - STMicroelectronics STL22N60DM6 Datasheet HTML 7Page - STMicroelectronics STL22N60DM6 Datasheet HTML 8Page - STMicroelectronics STL22N60DM6 Datasheet HTML 9Page - STMicroelectronics STL22N60DM6 Datasheet HTML 10Page - STMicroelectronics STL22N60DM6 Datasheet HTML 11Page - STMicroelectronics STL22N60DM6 Datasheet HTML 12Page - STMicroelectronics STL22N60DM6 Datasheet HTML 13Page - STMicroelectronics STL22N60DM6 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4.2
PowerFLAT 8x8 HV packing information
Figure 21. PowerFLAT 8x8 HV tape
E (1.75±0.1)
A0 (8.30±0.1)
P1 (12.00±0.1)
P2 (2.0±0.1)
P0 (4.0±0.1)
D0 ( 1.55±0.05)
D1 ( 1.5 Min)
T (0.30±0.05)
K0 (1.10±0.1)
Note: Base and Bulk qu antity 3000 pcs
8229819_Tape_revA
Note:
All dimensions are in millimeters.
Figure 22. PowerFLAT 8x8 HV package orientation in carrier tape
ST
ST
ST
ST
STL22N60DM6
PowerFLAT 8x8 HV packing information
DS13914 - Rev 1
page 10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com