Electronic Components Datasheet Search
  English  ▼

X  

STL22N60DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL22N60DM6
Description  N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL22N60DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL22N60DM6 Datasheet HTML 1Page - STMicroelectronics STL22N60DM6 Datasheet HTML 2Page - STMicroelectronics STL22N60DM6 Datasheet HTML 3Page - STMicroelectronics STL22N60DM6 Datasheet HTML 4Page - STMicroelectronics STL22N60DM6 Datasheet HTML 5Page - STMicroelectronics STL22N60DM6 Datasheet HTML 6Page - STMicroelectronics STL22N60DM6 Datasheet HTML 7Page - STMicroelectronics STL22N60DM6 Datasheet HTML 8Page - STMicroelectronics STL22N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5
1
2
3
4
PowerFLAT 8x8 HV
NG1DS2PS34D5Z
Drain(5)
Gate(1)
Driver
source (2)
Power
source (3, 4)
Features
Order code
VDS
RDS(on) max.
ID
STL22N60DM6
600 V
265 mΩ
13 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STL22N60DM6
Product summary
Order code
STL22N60DM6
Marking
22N60DM6
Package
PowerFLAT 8x8 HV
Packing
Tape and reel
N-channel 600 V, 220 mΩ typ., 13 A, MDmesh DM6 Power MOSFET
in a PowerFLAT 8x8 HV package
STL22N60DM6
Datasheet
DS13914 - Rev 1 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL22N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22N60M6 STMICROELECTRONICS-STL22N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 220 m typ., 10 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
November 2018 Rev 1
More results

Similar Description - STL22N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL24N60DM2 STMICROELECTRONICS-STL24N60DM2 Datasheet
812Kb / 15P
N-channel 600 V, 0.195 (ohm) typ., 15 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
25-Jul-2016
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STL36N60M6 STMICROELECTRONICS-STL36N60M6 Datasheet
418Kb / 15P
N-channel 600 V, 91 mΩ typ., 25 A MDmesh™M6 Power MOSFET in a PowerFLAT™8x8 HV package
20-Sep-2018
STL47N60M6 STMICROELECTRONICS-STL47N60M6 Datasheet
575Kb / 15P
N-channel 600 V, 70 mΩ typ., 31 A MDmesh™M6 Power MOSFET in a PowerFLAT™8x8 HV package
22-Jan-2019
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
N-channel 600 V, 175 mΩ typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Sep-2020
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
N-channel 600 V, 0.094 Ω typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
21-Jul-2020
STL52N60DM6 STMICROELECTRONICS-STL52N60DM6 Datasheet
356Kb / 14P
N-channel 600 V, 72 mΩ typ., 45 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
25-Jun-2021
STL15N60DM6 STMICROELECTRONICS-STL15N60DM6 Datasheet
579Kb / 15P
N-channel 600 V, 295 m typ., 8.5 A, MDmesh DM6 Power MOSFET in a PowerFLAT 5x6 HV package
03-Jul-2020
STL19N60M6 STMICROELECTRONICS-STL19N60M6 Datasheet
575Kb / 14P
N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
13-Dec-2019
STL33N60DM6 STMICROELECTRONICS-STL33N60DM6 Datasheet
345Kb / 14P
N-channel 600 V, 125 m typ., 21 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
15-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com