Electronic Components Datasheet Search
  English  ▼

X  

X0115ML Datasheet(PDF) 1 Page - STMicroelectronics

Part # X0115ML
Description  0.8 A sensitive gate SCR thyristor in SOT23-3L
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0115ML Datasheet(HTML) 1 Page - STMicroelectronics

  X0115ML Datasheet HTML 1Page - STMicroelectronics X0115ML Datasheet HTML 2Page - STMicroelectronics X0115ML Datasheet HTML 3Page - STMicroelectronics X0115ML Datasheet HTML 4Page - STMicroelectronics X0115ML Datasheet HTML 5Page - STMicroelectronics X0115ML Datasheet HTML 6Page - STMicroelectronics X0115ML Datasheet HTML 7Page - STMicroelectronics X0115ML Datasheet HTML 8Page - STMicroelectronics X0115ML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A
K
G
SOT23-3L
A
K
G
Features
•
On-state rms current, 0.8 A sensitive
•
Repetitive peak off-state voltage, 600 V
•
Non-repetitive surge peak off-state voltage, 750 V
•
Narrow sensitive gate current range [30 to 150] µA
•
Compact SOT23-3L package:
–
Creepage distance of 1.1 mm
–
9 mm² footprint
Applications
•
Ground-fault circuit interrupter (GFI)
•
Arc-fault circuit interrupter (AFCI)
•
Overvoltage crowbar protection in power supplies
•
Capacitive ignition circuits
•
Low consumption triggering switches
Description
Thanks to highly sensitive triggering levels, X0115ML SCR thyristor is suitable for
all applications where available gate current is limited. The X0115ML offers a high
blocking voltage of 600 V, and a surge peak voltage of 750 V, ideal for applications
like ground fault circuit interrupter (GFCI) and arc fault circuit interrupters (AFCI).
The SOT23-3L package provides the smallest SCR footprint while keeping 1.1 mm
creepage distance, guaranteeing 120 V functional insulation (UL-840) at level 2
pollution degree without extra certification.
Product status link
X0115ML
Product summary
IT(RMS)
0.8 A
VDRM/VRRM
600 V
VDSM/VRSM
750 V
IGT
[30-150] µA
0.8 A sensitive gate SCR thyristor in SOT23-3L
X0115ML
Datasheet
DS13776 - Rev 3 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - X0115ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
More results

Similar Description - X0115ML

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5400 NTE-NTE5400 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0402MH STMICROELECTRONICS-X0402MH Datasheet
605Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
X0405MB STMICROELECTRONICS-X0405MB Datasheet
575Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0405MH STMICROELECTRONICS-X0405MH Datasheet
575Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com