Electronic Components Datasheet Search
  English  ▼

X  

X0115ML Datasheet(PDF) 4 Page - STMicroelectronics

Part # X0115ML
Description  0.8 A sensitive gate SCR thyristor in SOT23-3L
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0115ML Datasheet(HTML) 4 Page - STMicroelectronics

  X0115ML Datasheet HTML 1Page - STMicroelectronics X0115ML Datasheet HTML 2Page - STMicroelectronics X0115ML Datasheet HTML 3Page - STMicroelectronics X0115ML Datasheet HTML 4Page - STMicroelectronics X0115ML Datasheet HTML 5Page - STMicroelectronics X0115ML Datasheet HTML 6Page - STMicroelectronics X0115ML Datasheet HTML 7Page - STMicroelectronics X0115ML Datasheet HTML 8Page - STMicroelectronics X0115ML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 5. Relative variation of thermal impedance junction
to case and junction to ambient versus pulse duration
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
K = [Zth(j-a)/ Rth(j-a)]
Zth(j-a)
Zth(j-c)
t
P(s)
Figure 6. Surge peak on-state current versus number of
cycles
0
1
2
3
4
5
6
7
8
1
10
100
1000
Non repetitive T
j
= 25 °C
Number of cycles
ITSM(A)
Repetitive T
c
= 41 °C
t =10ms
p
One cycle
Figure 7. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
0
1
10
100
1000
0.01
0.10
1.00
10.00
Tj initial = 25 °C
I
TSM
ITSM(A)
dl/dt limitation
A/µs
tp(ms)
Figure 8. Relative variation of gate trigger current, holding
current and latching current versus junction temperature
(typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120
IGT
IH and IL
T
j(°C)
IH, IL [ Tj ] / IGT IH, IL [ Tj = 25 °C]
Figure 9. Relative variation of holding current versus
gate-cathode resistance (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.E-01
1.E+00
1.E+01
IH[Rgk] / IH [Rgk=1kΩ]
Rgk(kΩ)
Figure 10. Relative variation of static dV/dt immunity
versus junction temperature
0
1
2
3
4
25
50
75
100
125
V
D = VR = 402 V
Tj(°C)
dV/dt [T
j] / dV/dt [Tj = 125 °C]
X0115ML
Characteristics (curves)
DS13776 - Rev 3
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com