Electronic Components Datasheet Search
  English  ▼

X  

X0115ML Datasheet(PDF) 3 Page - STMicroelectronics

Part # X0115ML
Description  0.8 A sensitive gate SCR thyristor in SOT23-3L
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0115ML Datasheet(HTML) 3 Page - STMicroelectronics

  X0115ML Datasheet HTML 1Page - STMicroelectronics X0115ML Datasheet HTML 2Page - STMicroelectronics X0115ML Datasheet HTML 3Page - STMicroelectronics X0115ML Datasheet HTML 4Page - STMicroelectronics X0115ML Datasheet HTML 5Page - STMicroelectronics X0115ML Datasheet HTML 6Page - STMicroelectronics X0115ML Datasheet HTML 7Page - STMicroelectronics X0115ML Datasheet HTML 8Page - STMicroelectronics X0115ML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 4. Thermal resistance
Symbol
Parameters
Value
Unit
Rth(j-l)
Junction to lead (DC)
Typ.
60
°C/W
Rth(j-a)
Junction to ambient (DC) for 5 cm2 copper surface
Typ.
400
1.1
Characteristics (curves)
Figure 1. Maximum average power dissipation versus
average on-state current
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
α = 30 °
α = 60 °
α = 90 °
α = 120 °
α = 180 °
DC
P(W)
IT(AV)(A)
α
360 °
Figure 2. Average and DC on-state current versus lead
temperature
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
α = 30 °
α = 60 °
α = 90 °
α = 120 °
α = 180 °
DC
T
L(°C)
IT(AV)(A)
Figure 3. On-state characteristics (maximum values)
0.1
1.0
10.0
0.0
3.0
4.0
5.0
1.0
2.0
T
j
= 125 °C
ITM(A)
VTM(V)
T
j
= 25 °C
Tj max: 125 °C
Vt0 = 1.06 V
Rd = 540 mΩ
Figure 4. Average and D.C. on-state current versus
ambient temperature
0.0
0.2
0.3
0
25
50
75
100
125
0.1
IT(AV)(A)
DC
α = 180 °
Ta(°C)
X0115ML
Characteristics (curves)
DS13776 - Rev 3
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com