Electronic Components Datasheet Search
  English  ▼

X  

X0115ML Datasheet(PDF) 2 Page - STMicroelectronics

Part # X0115ML
Description  0.8 A sensitive gate SCR thyristor in SOT23-3L
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0115ML Datasheet(HTML) 2 Page - STMicroelectronics

  X0115ML Datasheet HTML 1Page - STMicroelectronics X0115ML Datasheet HTML 2Page - STMicroelectronics X0115ML Datasheet HTML 3Page - STMicroelectronics X0115ML Datasheet HTML 4Page - STMicroelectronics X0115ML Datasheet HTML 5Page - STMicroelectronics X0115ML Datasheet HTML 6Page - STMicroelectronics X0115ML Datasheet HTML 7Page - STMicroelectronics X0115ML Datasheet HTML 8Page - STMicroelectronics X0115ML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameters
Value
Unit
IT(RMS)
On-state RMS current (180° conduction angle)
TC = 41 °C
0.8
A
IT(AV)
Average on-state current (180° conduction angle)
0.5
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25 °C)
tp = 8.3 ms
Tj = 25 °C
7.6
A
tp = 10 ms
7
One surge every 500 ms, 50 surges
tp = 8.3 ms
TAMB = 105 °C
5
I2t
I2t value for fusing
tp = 10 ms
Tj = 25 °C
0.25
A2s
dl/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
f = 60 Hz
Tj = 25 °C
75
A/µs
VDRM / VRRM Repetitive peak off-state voltage
Tj = 125 °C
600
V
VDSM / VRSM Non repetitive surge peak off-state voltage
tp = 10 ms
Tj = 25 °C
750
V
IGM
Peak forward gate current
tp = 20 µs
Tj = 125 °C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.2
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Parameters
Value
Unit
IGT
VD = 12 V, RL = 33 Ω
Min.
30
µA
Max.
150
VGT
Max.
0.8
V
VGD
VD = VDRM, RL = 3.3 kΩ, RGK = 1 kΩ, Tj = 125 °C
Min.
0.2
V
VRG
IRG = 10 µA
Min.
5
V
IH
IT = 50 mA, gate open, RGK = 1 kΩ
Max.
5
mA
IL
IG = 1.2 IGT, RGK = 1 kΩ
Max.
6
mA
dV/dt
VD = 67 % VDRM, gate open, RGK = 1 kΩ, Tj = 125 °C
Min.
80
V/µs
Table 3. Static characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 1.6 A, tp = 380 µs
Tj = 25 °C
Max.
1.7
V
VTO
Threshold on-state voltage
Tj = 125 °C
Max.
1.06
V
Rd
Dynamic resistance
Tj = 125 °C
Max.
540
mΩ
IDRM / IRRM
VT = VDRM, VT = VRRM, RGK = 1 kΩ
Tj = 25 °C
Max.
1
µA
Tj = 125 °C
150
µA
X0115ML
Characteristics
DS13776 - Rev 3
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com