Electronic Components Datasheet Search
  English  ▼

X  

ICS951402 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS951402
Description  Programmable Timing Control Hub for P4 processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951402 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS951402 Datasheet HTML 6Page - Integrated Circuit Systems ICS951402 Datasheet HTML 7Page - Integrated Circuit Systems ICS951402 Datasheet HTML 8Page - Integrated Circuit Systems ICS951402 Datasheet HTML 9Page - Integrated Circuit Systems ICS951402 Datasheet HTML 10Page - Integrated Circuit Systems ICS951402 Datasheet HTML 11Page - Integrated Circuit Systems ICS951402 Datasheet HTML 12Page - Integrated Circuit Systems ICS951402 Datasheet HTML 13Page - Integrated Circuit Systems ICS951402 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
I
2C Table: VCO Frequency Control Register
Byte 12 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
N Div7
RW
-
-
X
Bit 6
-
N Div6
RW
-
-
X
Bit 5
-
N Div5
RW
-
-
X
Bit 4
-
N Div4
RW
-
-
X
Bit 3
-
N Div3
RW
-
-
X
Bit 2
-
N Div2
RW
-
-
X
Bit 1
-
N Div1
RW
-
-
X
Bit 0
-
N Div0
The decimal
representation of N
Div (8:0) is equal to
VCO divider value.
Default at power up
= latch-in or Byte 0
Rom table.
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Byte 13 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
SSP7
RW
-
-
X
Bit 6
-
SSP6
RW
-
-
X
Bit 5
-
SSP5
RW
-
-
X
Bit 4
-
SSP4
RW
-
-
X
Bit 3
-
SSP3
RW
-
-
X
Bit 2
-
SSP2
RW
-
-
X
Bit 1
-
SSP1
RW
-
-
X
Bit 0
-
SSP0
These Spread
Spectrum bits will
program the spread
percentage. It is
recommended to use
ICS Spread % table
for spread
programming.
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Byte 14 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
Reserved
Reserved
R
-
-
X
Bit 6
-
Reserved
Reserved
R
-
-
X
Bit 5
-
Reserved
Reserved
R
-
-
X
Bit 4
-
SSP12
RW
-
-
X
Bit 3
-
SSP11
RW
-
-
X
Bit 2
-
SSP10
RW
-
-
X
Bit 1
-
SSP9
RW
-
-
X
Bit 0
-
SSP8
It is recommended
to use ICS Spread
% table for spread
programming.
RW
-
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com