Electronic Components Datasheet Search
  English  ▼

X  

ICS951402 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS951402
Description  Programmable Timing Control Hub for P4 processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951402 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS951402 Datasheet HTML 7Page - Integrated Circuit Systems ICS951402 Datasheet HTML 8Page - Integrated Circuit Systems ICS951402 Datasheet HTML 9Page - Integrated Circuit Systems ICS951402 Datasheet HTML 10Page - Integrated Circuit Systems ICS951402 Datasheet HTML 11Page - Integrated Circuit Systems ICS951402 Datasheet HTML 12Page - Integrated Circuit Systems ICS951402 Datasheet HTML 13Page - Integrated Circuit Systems ICS951402 Datasheet HTML 14Page - Integrated Circuit Systems ICS951402 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
I
2C Table: Output Divider Control Register
Byte 15 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
SD Div3
RW
X
Bit 6
-
SD Div2
RW
X
Bit 5
-
SD Div1
RW
X
Bit 4
-
SD Div0
SDRAM divider ratio
can be configured
via these 4 bits
individually.
RW
See Table 2: Divider
Ratio Combination
Table
X
Bit 3
-
CPU Div3
RW
X
Bit 2
-
CPU Div2
RW
X
Bit 1
-
CPU Div1
RW
X
Bit 0
-
CPU Div0
CPU divider ratio can
be configured via
these 4 bits
individually.
RW
See Table 2: Divider
Ratio Combination
Table
X
Table 2: CPU, SDRAM, AGP and PCI66 Divider Ratio Combination Table
Divider (3:2)
Bit
00
01
10
11
MSB
1
2
4
8
00
0000
2
0100
4
1000
8
1100
16
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
7
0111
14
1011
28
1111
56
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Table 3: PCI33 Divider Ratio Combination Table
Divider (3:2)
Bit
00
01
10
11
MSB
1
2
4
8
00
0000
4
0100
8
1000
16
1100
32
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
7
0111
14
1011
28
1111
56
LSB
Address
Div
Address
Div
Address
Div
Address
Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com