Electronic Components Datasheet Search
  English  ▼

X  

ICS951402 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS951402
Description  Programmable Timing Control Hub for P4 processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951402 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS951402 Datasheet HTML 3Page - Integrated Circuit Systems ICS951402 Datasheet HTML 4Page - Integrated Circuit Systems ICS951402 Datasheet HTML 5Page - Integrated Circuit Systems ICS951402 Datasheet HTML 6Page - Integrated Circuit Systems ICS951402 Datasheet HTML 7Page - Integrated Circuit Systems ICS951402 Datasheet HTML 8Page - Integrated Circuit Systems ICS951402 Datasheet HTML 9Page - Integrated Circuit Systems ICS951402 Datasheet HTML 10Page - Integrated Circuit Systems ICS951402 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
I
2C Table: Reserved Register
Byte 3
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
Reserved
Reserved
RW
-
-
1
Bit 6
-
Reserved
Reserved
RW
-
-
1
Bit 5
-
Reserved
Reserved
RW
-
-
1
Bit 4
-
Reserved
Reserved
RW
-
-
1
Bit 3
-
Reserved
Reserved
RW
-
-
1
Bit 2
-
Reserved
Reserved
RW
-
-
1
Bit 1
-
Reserved
Reserved
RW
-
-
1
Bit 0
-
Reserved
Reserved
RW
-
-
1
I
2C Table: Functionality and Frequency Select Register
Byte 4
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
FS3
Freq Select Bit 7
RW
0
Bit 6
-
FS2
Freq Select Bit 6
RW
0
Bit 5
-
FS1
Freq Select Bit 5
RW
0
Bit 4
-
FS0
Freq Select Bit 4
RW
See
Frequency Table
0
Bit 3
-
FS Source
Frequency H/W or
IIC Select
RW
Latch Input
IIC
0
Bit 2
-
FS4
Freq Select Bit 2
RW
See Frequency Table
0
Bit 1
-
SS_EN
SPREAD Enable
RW
OFF
ON
1
Bit 0
-
All Outputs
Output Control
RW
Normal
Tri-state
0
Note: If Byte4 bit1 = 0 then FS4=0
I
2C Table: Output Control and Read Back Register
Byte 5
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
31
AGP1
Output Control
RW
Disable
Enable
1
Bit 6
32
AGP0
Output Control
RW
Disable
Enable
1
Bit 5
26
24_48#SEL
24 or 48 Select
RW
48MHz
24MHz
X
Bit 4
-
FS4RB
FS4 Read back
R
-
-
X
Bit 3
-
FS3RB
FS3 Read back
R
-
-
X
Bit 2
-
FS2RB
FS2 Read back
R
-
-
X
Bit 1
-
FS1RB
FS1 Read back
R
-
-
X
Bit 0
-
FS0RB
FS0 Read back
R
-
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com