Electronic Components Datasheet Search
  English  ▼

X  

ES9218PQ Datasheet(PDF) 61 Page - ESS Technology,Inc

Part # ES9218PQ
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PQ Datasheet(HTML) 61 Page - ESS Technology,Inc

Back Button ES9218PQ Datasheet HTML 57Page - ESS Technology,Inc ES9218PQ Datasheet HTML 58Page - ESS Technology,Inc ES9218PQ Datasheet HTML 59Page - ESS Technology,Inc ES9218PQ Datasheet HTML 60Page - ESS Technology,Inc ES9218PQ Datasheet HTML 61Page - ESS Technology,Inc ES9218PQ Datasheet HTML 62Page - ESS Technology,Inc ES9218PQ Datasheet HTML 63Page - ESS Technology,Inc ES9218PQ Datasheet HTML 64Page - ESS Technology,Inc ES9218PQ Datasheet HTML 65Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
61
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 27: General Configuration (0x1B)
Bits
[7]
[6-4]
[3]
[2-0]
Mnemonic
asrc_en
reserved
ch1_volume
reserved
Default
1’b1
3’b101
1’b0
3’b100
Bit
Mnemonic
Description
[7]
asrc_en
Selects whether the ASRC is enabled. Allows for the ASRC to be disabled if the ES9218P is in
Master mode or using a synchronous MCLK.
•
1’b0: ASRC is disabled
•
1’b1: ASRC is used as normal, providing a first order correction on the sample rate converted
data (default)
[6:4]
reserved
[3]
ch1_volume
Allows channel 2 to share the channel 1 volume control. This allows for perfectly syncing up the
two channel gains.
•
1’b0: allow independent control of both channel 1 and channel volume controls (default)
•
1’b1: use the channel 1 volume control for both channel 1 and channel 2
[2:0]
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com