Electronic Components Datasheet Search
  English  ▼

X  

ES9218PQ Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # ES9218PQ
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PQ Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button ES9218PQ Datasheet HTML 6Page - ESS Technology,Inc ES9218PQ Datasheet HTML 7Page - ESS Technology,Inc ES9218PQ Datasheet HTML 8Page - ESS Technology,Inc ES9218PQ Datasheet HTML 9Page - ESS Technology,Inc ES9218PQ Datasheet HTML 10Page - ESS Technology,Inc ES9218PQ Datasheet HTML 11Page - ESS Technology,Inc ES9218PQ Datasheet HTML 12Page - ESS Technology,Inc ES9218PQ Datasheet HTML 13Page - ESS Technology,Inc ES9218PQ Datasheet HTML 14Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
10
40 Pin QFN Pin Descriptions
Pin
Name
Pin Type
Reset State
Pin Description
1
RT1
I
Tri-stated
Reserved. Must be connected to DGND for normal operation.
2
XO
AO
Floating
XTAL output
3
XI
AI
Floating
XTAL / MCLK input
4
VCCA
Power
Power
Analog 1.8V/3.3V for OSC and on-chip AVCC_DAC regulator.
5
AGND
Ground
Ground
DAC analog ground (Right Channel)
6
AUX_R
AI
-
Auxiliary analog input (Right Channel)
7
INB_R
AI
-
Amplifier differential inverting input (Right Channel)
8
IN_R
AI
-
Amplifier differential non-inverting input (Right Channel)
9
OUT_R
AO
-
Amplifier output (Right Channel)
10
GSN_R
-
-
Amplifier load ground sense (Right Channel)
11
AGND
Ground
Ground
Analog ground
12
AGND
Ground
Ground
Analog ground
13
PNEG
Power
Power
Amplifier negative supply. Internally supplied.
14
PNEG_VC
Power
Power
AVC negative supply. Internally supplied.
15
C2
-
-
Amplifier charge pump negative flying capacitor pin.
16
C2_VC
-
-
AVC charge pump negative flying capacitor pin.
17
C1_VC
-
-
AVC charge pump positive flying capacitor pin.
18
C1
-
-
Amplifier charge pump positive flying capacitor pin.
19
AVCC18
Power
Power
Analog 1.8V supply for Amplifier, switch, AVC and charge pumps.
20
AVCC33
Power
Power
Analog 3.3V supply for Amplifier, switch, AVC and charge pumps.
21
GSN_L
-
-
Amplifier load ground sense. Left channel.
22
OUT_L
AO
-
Amplifier output (Left Channel).
23
IN_L
AI
-
Amplifier differential non-inverting input (Left Channel)
24
INB_L
AI
-
Amplifier differential inverting input (Left Channel)
25
AUX_L
AI
-
Auxiliary analog input (Left Channel)
26
AGND
Ground
Ground
DAC analog ground (Left Channel)
27
AVCC_DAC Power
Power
DAC analog supply. Internally supplied.
28
VREF
Power
Power
Low Noise reference for on-chip AVCC_DAC regulator.
29
AVDD
Power
Power
Digital 1.8V/3.3V supply for I/O and on-chip DVDD regulator.
30
DGND
Ground
Ground
Digital ground.
31
DVDD
Power
Power
Digital core supply. Internally supplied.
32
GPIO2
I/O
Tri-stated
GPIO 2 *special function in standby* (Aux. Path)
33
GPIO1
I/O
Tri-stated
GPIO 1
34
DATA_2
I
Tri-stated
PCM Data Ch1+Ch2 or DSD Data2 (Right Channel)
35
DATA1
I/O
Tri-stated
Slave Mode: Input for PCM Frame Clock or Input for DSD Data1 (Left
Channel) Master Mode: Output for PCM Frame Clock
36
DATA_CLK
I/O
Tri-stated
Slave Mode: Input for PCM Bit Clock or DSD Bit Clock,
Master Mode: Output for PCM Bit Clock
37
RESETB
I
1'b0
Power down. Active low.
38
SCL
I
Tri-stated
I2C
serial clock input.
39
SDA
I/O
Tri-stated
I2C
serial data input/output.
40
ADDR
I
Tri-stated
I2C
address select.
41
DGND
Ground
Ground
Exposed pad. Digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com