Electronic Components Datasheet Search
  English  ▼

X  

ES9218PQ Datasheet(PDF) 65 Page - ESS Technology,Inc

Part # ES9218PQ
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PQ Datasheet(HTML) 65 Page - ESS Technology,Inc

Back Button ES9218PQ Datasheet HTML 61Page - ESS Technology,Inc ES9218PQ Datasheet HTML 62Page - ESS Technology,Inc ES9218PQ Datasheet HTML 63Page - ESS Technology,Inc ES9218PQ Datasheet HTML 64Page - ESS Technology,Inc ES9218PQ Datasheet HTML 65Page - ESS Technology,Inc ES9218PQ Datasheet HTML 66Page - ESS Technology,Inc ES9218PQ Datasheet HTML 67Page - ESS Technology,Inc ES9218PQ Datasheet HTML 68Page - ESS Technology,Inc ES9218PQ Datasheet HTML 69Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
65
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 32: Amplifier Configuration (0x20)
Bits
[7:5]
[4:3]
[2]
[1:0]
Mnemonic
reserved
amp_mode_gpio
reserved
amp_mode
Default
3’b000
2’b00
1’b0
2’b00
Bit
Mnemonic
Description
[7:5]
reserved
[4:3]
amp_mode_gpio
Configures the amplifier mode based on GPIO input:
•
3’d0: core on (default)
•
3’d1: LowFi
•
3’d2: HiFi 1VRMS
•
3’d3: HiFi 2VRMS
GPIO1 pin must be high and Register 8: GPIO1-2 Configuration (0x08) must be configured to Amp
Mode Select (4’d11). This option is only available for GPIO1.
When configured this way:
•
GPIO1 HIGH activates the amplifier mode amp_mode_gpio
•
GPIO1 LOW activates the amplifier mode amp_mode_default
[2]
reserved
[1:0]
amp_mode
Configures the amplifier mode
•
3’d0: core on (default)
•
3’d1: LowFi
•
3’d2: HiFi 1VRMS
•
3’d3: HiFi 2VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com