Electronic Components Datasheet Search
  English  ▼

X  

ES9218PQ Datasheet(PDF) 14 Page - ESS Technology,Inc

Part # ES9218PQ
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PQ Datasheet(HTML) 14 Page - ESS Technology,Inc

Back Button ES9218PQ Datasheet HTML 10Page - ESS Technology,Inc ES9218PQ Datasheet HTML 11Page - ESS Technology,Inc ES9218PQ Datasheet HTML 12Page - ESS Technology,Inc ES9218PQ Datasheet HTML 13Page - ESS Technology,Inc ES9218PQ Datasheet HTML 14Page - ESS Technology,Inc ES9218PQ Datasheet HTML 15Page - ESS Technology,Inc ES9218PQ Datasheet HTML 16Page - ESS Technology,Inc ES9218PQ Datasheet HTML 17Page - ESS Technology,Inc ES9218PQ Datasheet HTML 18Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
14
Volume Control
Each output channel has its own attenuation circuit. The attenuation for each channel is controlled independently. Each channel can be attenuated
from 0dB to –127dB in 0.5dB steps. Each 0.5dB step transition takes up to 64 intermediate levels, depending on the vol_rate setting in Register 6:
DoP and Volume Ramp Rate (0x06). The result being that the level changes are done using small enough steps so that no switching noise occurs
during the transition of the volume control. When a new volume level is set, the attenuation circuit will ramp softly to the new level.
The volume control can be either channel independent or synchronized using Register 27: General Configuration (0x1B) ch1_volume.
Master Trim
The master trim sets the 0dB reference level for the digital volume control of each DAC. The master trim is programmable via Register 17-20:
Master Trim (0x11 - 0x14). The master trim registers store a 32bit signed number.
This register value should never exceed the full scale signed value 32’h7FFFFFFF
Example: Setting the reference value to -1dB (from full-scale) = 32’h721482BF
System Clock XI(MCLK)
A system clock is required for proper operation of the digital filters and modulation circuitry.
Automatic clock gearing is supported to save power with the full XI(MCLK) clock rate is not required.
CLK =
XI
������������������������������_������������������
The minimum XI(MCLK) frequency must satisfy the following conditions:
Data Clock
DATA_CLOCK must be (2 x i2s_length) x FSR for PCM mode, and FSR for DSD modes. This pin should be pulled low if not used.
Built-in Digital Filters
Eight digital filters are included for PCM mode.
See PCM Filter Frequency Response for filter characteristics and Register 7: Filter Bandwidth and System Mute (0x07) for available filter settings.
Data Type
Minimum MCLK Frequency
DSD Data
CLK > 3 x FSR , FSR = 2.8224MHz (x 1, 2, or 4)
Serial Normal Mode
CLK > 128 x FSR, FSR
 384kHz
CLK = 128 x FSR (synchronous MCLK) with FSR
 384kHz
Serial OSF Bypass Mode
CLK > 24 x FSR, FSR
 768kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com