Electronic Components Datasheet Search
  English  ▼

X  

LMA Datasheet(PDF) 6 Page - COSEL CO., LTD.

Part # LMA
Description  AC-DC Power Supplies Medical Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

LMA Datasheet(HTML) 6 Page - COSEL CO., LTD.

Back Button LMA Datasheet HTML 2Page - COSEL CO., LTD. LMA Datasheet HTML 3Page - COSEL CO., LTD. LMA Datasheet HTML 4Page - COSEL CO., LTD. LMA Datasheet HTML 5Page - COSEL CO., LTD. LMA Datasheet HTML 6Page - COSEL CO., LTD. LMA Datasheet HTML 7Page - COSEL CO., LTD. LMA Datasheet HTML 8Page - COSEL CO., LTD. LMA Datasheet HTML 9Page - COSEL CO., LTD. LMA Datasheet HTML 10Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LMA-6
LMA240F
AC-DC Power Supplies Medical Type
LM
A
240
F
-O
-O
Ordering information
R
1
2
3
4
5
6
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional *1
C : with Coating
G: Low leakage current
H : with the function to be acceptable
to output peak current
J1: VH(J.S.T.)connector type
R : with Remote ON/OFF
R2: with Remote ON/OFF
S : with Chassis
SN: with Chassis & cover
P :Setting in the overcurrent
protection rating
This power supply is manufactured by SMD technology. The stress to P.C.B like twisting or bending causes the defect of the unit, so handle the unit with care.
*Make sure necessary tests will be carried out on your end equipment with the power supply installed in accordance with any required EMC/EMI regulations.
MODEL
LMA240F-24-Y
LMA240F-24-HY
MAX OUTPUT WATTAGE[W]
300
300 (480) *2
DC OUTPUT
Convection 24V 10A
24V 10A (20A) *2
Forced air 24V 12.5A
24V 12.5A (20A) *2
SPECIFICATIONS
MODEL
LMA240F-24-Y
LMA240F-24-HY
INPUT
VOLTAGE[V]
AC85 - 264 1f (Refer to “Derating” ,Instruction Manual 1 and 3)
CURRENT[A]
ACIN 100V 3.9typ (Io=100%)
ACIN 200V 1.8typ (Io=100%)
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 86.0typ (Io=100%)
86.0typ (Io=100%)
ACIN 200V 88.0typ (Io=100%)
88.0typ (Io=100%)
POWER FACTOR
ACIN 100V 0.99typ (Io=100%)
ACIN 200V 0.95typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V 15 / 30typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3 sec. to re-start)
ACIN 200V 30 / 30typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3 sec. to re-start)
LEAKAGE CURRENT[mA]
0.15 / 0.40max (ACIN 100V / 240V 60Hz, Io=100%, According to IEC60601-1)
OUTPUT
VOLTAGE[V]
24
24
CURRENT[A]
Convection 10
10 (Peak 20) *2
Forced air 12.5
12.5 (Peak 20) *2
LINE REGULATION[mV]
*7
96max
96max
LOAD REGULATION[mV] *7 150max
150max
RIPPLE[mVp-p]
*3
0 to +50C 120max
120max
-10 - 0C 160max
160max
RIPPLE NOISE[mVp-p]*3
0 to +50C 150max
150max
-10 - 0C 180max
180max
TEMPERATURE REGULATION[mV]
0 to +50C 240max
240max
-10 to +50C 290max
290max
DRIFT[mV]
*4
96max
96max
START-UP TIME[ms]
350typ (ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
*9
20typ (ACIN 100V, Io=100%)
OUTPUTVOLTAGE ADJUSTMENT RANGE[V]
19.20 to 27.50
19.20 to 27.50
OUTPUT VOLTAGE SETTING[V]
24.00 to 24.96
24.00 to 24.96
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating (works over 101% of peak current at option -H) and recovers automatically
OVERVOLTAGE PROTECTION[V] 27.60 to 33.60
27.60 to 33.60
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Option (Required external power source.)
ISOLATION
INPUT-OUTPUT.RC
*6
AC4,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At Room Temperature) 2MOOP
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At Room Temperature) 1MOOP
OUTPUT.RC-FG
*6
AC500V 1minute, Cutoff current = 25mA, DC500V 50MW min (At Room Temperature)
OUTPUT-RC
*6
AC100V 1minute, Cutoff current = 25mA, DC100V 10MW min (At Room Temperature)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE *5 -10 to +70C, 20 - 90%RH (Non condensing), (Refer to “Derating”, Instruction Manual 3) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS (AT ONIY AC input) ANSI/AAMI ES60601-1, EN60601-1 3rd, Complies with IEC60601-1-2 4th Ed.
CONDUCTED NOISE
Complies with FCC-B, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 (Class A) *8
OTHERS
CASE SIZE/WEIGHT
84X46X180mm [3.31X1.81X7.09 inches] (WXHXD) / 540g max (with chassis & cover : 860g max)
COOLING METHOD
Convection / Forced air (Refer to “Derating”, Instruction Manual 3) *5
*1 Specification is changed at option, refer to Instruction Manual.
*2 Peak loading for 10sec. And Duty 40% max.
( ) means peak current. There is a possibility that an internal device
is damaged when the specification is exceeded.
*3 This is the value that measured on measuring board with capacitor of
22mF at 150mm from output terminal.
Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent
to KEISOKU-GIKEN: RM103).
*4 Drift is the change in DC output for an eight hour period
after a half-hour warm-up at 25C, with the input voltage
held constant at the rated input/output.
*5 Derating is required.
*6 Applicable when remote control (optional) is added.
*7 Please contact us about dynamic load and input response.
*8 Please contact us about another class.
*
To meet the specifications. Do not operate over-loaded condition.
*
Parallel operation is not possible.
*
Derating is required when operated with chassis and cover.
*
Sound noise may be generated by power supply in case of pulse load.
Example recommended EMI/EMC filter
NAM-06-101
*A higher current rating EMI/EMC filter
may be recommended in view of the
other devices that could be connected
in parallel with the power supply.
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
June 29, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com