Electronic Components Datasheet Search
  English  ▼

X  

LMA Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # LMA
Description  AC-DC Power Supplies Medical Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

LMA Datasheet(HTML) 3 Page - COSEL CO., LTD.

  LMA Datasheet HTML 1Page - COSEL CO., LTD. LMA Datasheet HTML 2Page - COSEL CO., LTD. LMA Datasheet HTML 3Page - COSEL CO., LTD. LMA Datasheet HTML 4Page - COSEL CO., LTD. LMA Datasheet HTML 5Page - COSEL CO., LTD. LMA Datasheet HTML 6Page - COSEL CO., LTD. LMA Datasheet HTML 7Page - COSEL CO., LTD. LMA Datasheet HTML 8Page - COSEL CO., LTD. LMA Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LMA-3
External view
Block diagram
LMA100F
Tolerance : ±1 [±0.04]
Optional chassis and cover material : Electric galvanizing steel board.
Weight : 290g max (with chassis & cover : 470g max)
PCB material : CEM3
Dimensions in mm, [ ]=inches
Standard type
Chassis and cover type
4 Mounting holes are existing.
The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
Barrier strip type
Model B2B-XH-A
Mating Connector (Terminal)
RC(-)
RC(+)
2
1
Contents
PIN No.
or SXH-001T-P0.6
BXH-001T-P0.6
XHP-2
CN4 Option (Mfr:J.S.T)
Connector type
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1 to 4-V
5 to 8+V
Keep drawing current per pin below 5A for CN2.
I/O Connector
Mating connector
CN1
1-1123724-3 1-1123722-5
Chain
Loose
CN2 1-1123723-8 1-1123722-8
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:Tyco Electronics)
I/O Connector is Mfr. Tyco Electronics
Option:-J1:VH(J.S.T) connector type.
Mounting torque (Mounting hole of chassis) :1.5N m (16kgf cm) max
External size of option is different from standard model.
Output(-)
Output(+)
FG
Input(N)
Input(L)
4-M4
Mounting Hole
2- 4.5
2-M4
Mounting Hole
4.5
CN2
8
1
CN1
5
3
1
PCB t=1.6
Name plate
Connector for
Remote ON/OFF
(Optional)
CN4
Voltage adjust
Mounting Hole
3- 3.5
Mounting Hole
Point A
Point B
1
Input(L)
3
Input(N)
5
FG
CN1
1
8
CN2
Output(+)
Output(-)
4
5
1
2
4
5
1
2
185
5
145±0.5
16.5
4
155
6
173±0.5
6
173±0.5
FG
1 Surface mount device
1
[0.2]
[0.65]
[0.16]
[6.1]
[0.24]
[0.24]
[7.28]
[5.71]
[6.81]
[6.81]
FG
DC OUT
AC IN 85 - 264V
RC
E
250V3.15A
×2
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
TRANSFORMER
CONTROL
OVER VOLTAGE
PROTECTION
NOISE
FILTER
RECTIFIER
AND
FILTER
INVERTER
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTOR
INVERTER
CONTROL
CURRENT
SENSING
EXTERNAL
SOURCE
OPTION
Photocoupler
Photocoupler
Photocoupler
June 29, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com