Electronic Components Datasheet Search
  English  ▼

X  

LMA Datasheet(PDF) 10 Page - COSEL CO., LTD.

Part # LMA
Description  AC-DC Power Supplies Medical Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

LMA Datasheet(HTML) 10 Page - COSEL CO., LTD.

Back Button LMA Datasheet HTML 2Page - COSEL CO., LTD. LMA Datasheet HTML 3Page - COSEL CO., LTD. LMA Datasheet HTML 4Page - COSEL CO., LTD. LMA Datasheet HTML 5Page - COSEL CO., LTD. LMA Datasheet HTML 6Page - COSEL CO., LTD. LMA Datasheet HTML 7Page - COSEL CO., LTD. LMA Datasheet HTML 8Page - COSEL CO., LTD. LMA Datasheet HTML 9Page - COSEL CO., LTD. LMA Datasheet HTML 10Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LMA-10
◆
It is neccessary to read the “Instruction Manual” and “Before using our product” before you use our product.
Instruction Manual
https://en.cosel.co.jp/product/powersupply/LMA/
Before using our product
https://en.cosel.co.jp/technical/caution/index.html
Instruction Manual
NOTICE
LMA
Basic Characteristics Data
LMA-series
Model
Circuit method
Switching
frequency
[kHz]
Input
current
*1 [A]
Inrush
current
protection
PCB/Pattern
Series/Parallel
operation availability
Material
Single
sided
Double
sided
Series
operation
Parallel
operation
LMA100F
Active filter
60
1.4
Thermistor
CEM-3
Yes
Yes
No
Forward converter
130
LMA150F
Active filter
60
2.0
Thermistor
CEM-3
Yes
Yes
No
Forward converter
130
LMA240F
Active filter
60
3.9
SCR
CEM-3
Yes
Yes
No
Forward converter
130
*1 The value of input current is at ACIN 100V and rated load.
June 29, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com