Electronic Components Datasheet Search
  English  ▼

X  

LMA Datasheet(PDF) 8 Page - COSEL CO., LTD.

Part # LMA
Description  AC-DC Power Supplies Medical Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

LMA Datasheet(HTML) 8 Page - COSEL CO., LTD.

Back Button LMA Datasheet HTML 2Page - COSEL CO., LTD. LMA Datasheet HTML 3Page - COSEL CO., LTD. LMA Datasheet HTML 4Page - COSEL CO., LTD. LMA Datasheet HTML 5Page - COSEL CO., LTD. LMA Datasheet HTML 6Page - COSEL CO., LTD. LMA Datasheet HTML 7Page - COSEL CO., LTD. LMA Datasheet HTML 8Page - COSEL CO., LTD. LMA Datasheet HTML 9Page - COSEL CO., LTD. LMA Datasheet HTML 10Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
=8mm min
=4mm min
CN1
CN1
d2
d1
d2
d2
d2
d2
d2
Power supply
Case
(D)(E)
(F)
CN1
CN1
CN1
Standard
Position
CN1
(A)(B)(C)
CN1
CN1
8
8
8
8
8
8
8
8
CN1
Unit [mm]
8
8
8
8
88
8
8
8
8
CN1, TB1
Unit [mm]
LMA-8
Mounting screw
Assembling and Installation Method
Installation method
¡
This power supply is manufactured by SMD technology.The stress to P.C.B like twisting or bending causes the defect of the unit, so han-
dle the unit with care.
¡
The mounting screw should be M3. The hatched area shows the allowance of metal parts for mounting.
¡
If metallic fittings are used on the component side of the board,ensure there is no contact with surface mounted components.
¡
This product uses SMD technology.Please avoid the PCB installation method which includes the twisting stress or the bending stress.
*
Recommendation to electrically connect FG to metal chassis for reducing noise.
¿
LMA100F, LMA150F
¿
LMA240F
¡
In case of metal chassis, keep the distance between d1 & d2 for
to insulate between lead of component and metal chassis, use the
spacer of 8mm or more between d1. If it is less than d1 & d2, in-
sert the insulation sheet between power supply and metal chassis.
¡
There is a possibility that it is not possible to cool enough when
the power supply is used by the sealing up space as showing in
right figure.Please use it after confi rming the temperature of point
A and point B of Instruction Manual 3.
¡
(F) mounting is not possible when unit is with case cover, but if
need to operate unit by (F) positioning with case cover, tempera-
ture / load derating is necessary. For more details, please contact
our sales or engineering departments.
LMA-series
June 29, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com