Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller For High-Speed Bus Termination
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2005
1
M9999-092004
MIC5162
Micrel, Inc.
MIC5162
Dual Regulator Controller For High-Speed Bus Termination
General Description
The MIC5162 is a dual regulator controller designed for high-
speed bus termination. It offers a simple, low-cost JEDEC
compliant solution for terminating high-speed, low-voltage
digital buses (i.e. DDR, SCSI, GTL, SSTL, HSTL, LV-TTL,
Rambus, LV-PECL, LV-ECL, etc).
The MIC5162 controls two external N-Channel MOSFETs to
form two separate regulators. It operates by switching be-
tween either the high-side MOSFET or the low-side MOSFET
depending on whether the current is being sourced to the load
or sinked by the regulator.
Designed to provide a universal solution for bus termination
regardless of input voltage, output voltage, or load current,
the desired MIC5162 output voltage can be programmed by
externally forcing the reference voltage.
The MIC5162 operates from an input of 1.35V to 6V, with a
second bias supply input required for operation. It is available
in the tiny MSOP-10 package with operating junction tem-
perature range of –40°C to +125°C.
Typical Application
Features
• JEDEC Compliant Bus Termination for SCSI, GTL,
SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc.
• DDR memory termination
•Tracking programmable output
• Requires minimal external components
•Wide bandwidth
•Input voltage range: 1.35V to 6V
• Logic controlled enable input
•Tiny MSOP-10 package
• Available –40°C < TJ < +125°C
Applications
• Desktop computers
• Notebook computers
• Communication systems
•Video cards
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Load Transient
TIME (200µs/div)
Source 3A
0A
Sink 3A
Typical SSTL-2 Application
COUT = 330µF
EN
220pF
3k
VCC = 5.0V
VDDQ = 1.35V
to 6.0V
VTT = 1/2 VDDQ
SUD50N02-06
MIC5162BMM
VDDQ
VCC
VREF
HD
COMP
EN
LD
FB
GND
120pF
VIN=2.5V to 1.5V
Ordering Information
Part Number
Junction
Standard
Pb-Free
Temp Range
Package
MIC5162BMM
MIC5162YMM
–40°C to +125°C
10-Pin MSOP


Similar Part No. - MIC5162

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5162 MICREL-MIC5162_10 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
More results

Similar Description - MIC5162

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6553 FAIRCHILD-ML6553 Datasheet
115Kb / 7P
Bus Termination Regulator
logo
Winbond
W83310S-R WINBOND-W83310S-R Datasheet
324Kb / 14P
Bus Termination Regulator
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
Bus Termination Regulator
logo
Micrel Semiconductor
MIC5164 MICREL-MIC5164 Datasheet
1Mb / 23P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
Bus Termination Regulator
W83310S-N WINBOND-W83310S-N Datasheet
376Kb / 12P
Bus Termination Regulator
W83310U WINBOND-W83310U Datasheet
326Kb / 13P
Bus Termination Regulator
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162_10 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
logo
Analog Microelectronics
AME9172M AME-AME9172M Datasheet
122Kb / 15P
Bus Termination Regulator
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com