Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller For High-Speed Bus Termination
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC5162
Micrel, Inc.
M9999-092004
2
February 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
VCC
Bias Supply Input. Apply 5V to this input for internal bias to the controller.
2
EN
Enable (Input): CMOS compatible input. Logic high = enable, logic low =
shutdown.
3
VDDQ
Input supply voltage.
4
VREF
Reference output equal to half of V
DDQ.
5
GND
Ground.
6
FB
Feedback input to the to the internal error amplifier.
7
Comp
Compensation (Output): Connect a capacitor to feedback pin for compensa-
tion of the internal control loop.
8LD
Low-side drive: Connects to the Gate of the external low side MOSFET.
9HD
High-side drive: Connects to the Gate of the external high side MOSFET.
10
N/C
Not internally connected.
Pin Configuration
GND
FB
6
5
1
VCC
EN
VDDQ
VREF
10 N/C
HD
LD
COMP
9
8
7
2
3
4
10-Lead MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com