Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller For High-Speed Bus Termination
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC5162
Micrel, Inc.
M9999-092004
4
February 2005
Test Circuit
COUT = 3 × 560µF
10k
EN
470pF
10µF
220µF
VCC = 5.0V
VDDQ = 1.8V
or 2.5V
VTT
SUD50N02-06
MIC5162BMM
VDDQ
VCC
HD
COMP
EN
LD
VREF
FB
GND
120pF
Figure 1. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com