Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller For High-Speed Bus Termination
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
February 2005
3
M9999-092004
MIC5162
Micrel, Inc.
Electrical Characteristics
T
A = 25°C with VDDQ = 2.5V; VCC = 5V; VEN = VCC; bold values indicate –40ºC<TJ<+125ºC; unless otherwise specified. See test
circuit 1 for test circuit configuration.
Parameter
Condition
Min
Typ
Max
Units
V
REF Voltage
–1%
0.5V
DDQ
1%
V
V
TT Voltage Accuracy (Note 2)
Sourcing; 100mA to 3A
–5
0.4
5
mV
–10
–10
Sinking; –100mA to –3A
–5
0.6
5
mV
–10
10
Supply Current (I
DDQ)VEN = 1.2V (controller ON)
120
140
µA
No Load
200
Supply Current (I
CC)
No Load
15
20
mA
25
I
CC Shutdown Current (Note 3)
V
EN = 0.2V (controller OFF)
10
35
µA
Start–up Time (Note 4)
V
CC, = 5V external bias; VEN = VIN
815
µs
30
Enable Input
Enable Input Threshold
Regulator enable
1.2
V
Regulator shutdown
0.3
V
Enable Hysteresis
40
mV
Enable Pin Input Current
V
IL < 0.2V (controller shutdown)
0.01
µA
V
IH > 1.2V (controller enabled)
5.5
µA
Drive
High Side Gate Drive Voltage
High Side MOSFET Fully ON
4.8
4.97
V
High Side Gate Drive Voltage
High Side MOSFET Fully OFF
0.03
0.2
V
Low Side Gate Drive Voltage
Low Side MOSFET Fully ON
4.8
4.97
V
Low Side Gate Drive Voltage
Low Side MOSFET Fully OFF
0.03
0.2
V
Note 1.
Exceeding the absolute maximum ratings may damage the device.
Note 2.
The V
TT voltage accuracy is measured as a delta voltage from the reference output (VTT – VREF).
Note 3.
Shutdown current is measured only on the V
CC pin. The VDDQ pin will always draw a minimum amount of current when voltage is applied.
Note 4.
Start-up time is defined as the amount of time from V
EN = VCC to HSD = 90% of VCC.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
CC) ...................................................... 7V
Supply Voltage (V
DDQ) .................................................... 7V
Enable Input Voltage (V
EN) ............................................. 7V
Junction Temperature Range ............ –40°C < TJ < +125°C
Operating Ratings (Note 2)
Supply Voltage (V
CC) ............................................ 3V to 6V
Supply Voltage (V
DDQ) ....................................... 1.35V - 6V
Enable Input Voltage (V
EN) .................................. 0V to VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com