Electronic Components Datasheet Search
  English  ▼

X  

MICRF505 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF505
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF505 Datasheet HTML 7Page - Micrel Semiconductor MICRF505 Datasheet HTML 8Page - Micrel Semiconductor MICRF505 Datasheet HTML 9Page - Micrel Semiconductor MICRF505 Datasheet HTML 10Page - Micrel Semiconductor MICRF505 Datasheet HTML 11Page - Micrel Semiconductor MICRF505 Datasheet HTML 12Page - Micrel Semiconductor MICRF505 Datasheet HTML 13Page - Micrel Semiconductor MICRF505 Datasheet HTML 14Page - Micrel Semiconductor MICRF505 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
May 13, 2004
11
M9999-051304
MICRF505
Micrel
Writing to n Registers having Non-
Incremental Addresses
Registers with non-incremental addresses can be written to
in one write-sequence as well. Example of non-incremental
addresses: “0,1,3”. However, this requires more overhead,
and the user should consider the possibility to make a
“continuous” update, for example, by writing to “0,1,2,3”
(writing the present value of “2” into “2”). The simplest
firmware is achieved by always writing to all registers. Refer
to previous sections.
This write-sequence is divided into several sub-parts:
• Disable the generation of load-signals by clearing
bit “load_en” (bit0 in ControlRegister0)
• Repeat for each group of registers having incre-
mental addresses:
– Bring CS active
– Enter first address for this group, R/W bit and
values
– Bring CS inactive
– Finally, enable and make a load-signal by
setting “load_en”
Refer to the previous sections for how to write to 1 or n (with
incremental addresses) registers in the MICRF505.
Reading from the control registers in
MICRF505
The “read-sequence” is:
1. Enter address and R/W bit
2. Change direction of IO line
3. Read out a number of octets and change IO
direction back again.
It is possible to read all, 1 or n registers. The address to read
from (or the first address to read from) can be any valid
address (0-22). Reading is not destructive, i.e. values are not
changed. The IO line is output from the MICRF505 (input to
user) for a part of the read-sequence. Refer to procedure
description below.
A read-sequence is described for reading n registers, where
n is a number 1-23.
Reading n registers from MICRF505
Figure 3.
In the figure, 1 register is read. The address is A6, A5, ... A0.
A6=msb. The data read out is D7, D6, ... D0. The value of the
R/W bit is always “1” for reading.
SCLK and IO together form a serial interface. SCLK is applied
externally for reading as well as for writing.
• Bring CS active
• Enter address to read from (or the first address to
read from) (7 bits) and
• The R/W bit = 1 to enable reading
• Make the IO line an input to the user (set pin in
tristate)
• Read n octets. The first rising edge of SCLK will set
the IO as an output from the MICRF505. MICRF
will change the IO line at positive edges. The user
should read the IO line at the negative edges.
• Bring CS inactive. This will make the IO line an
input to the MICRF505 again
• Make the IO line an output from the user again.
SCLK
CS
IO
A6
A5
RW D7
D6
D0
A0
Address of register i
Data read fromreg. i
RW
IO Input
IO Output
Sample time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com