Electronic Components Datasheet Search
  English  ▼

X  

MICRF505 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF505
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF505 Datasheet HTML 14Page - Micrel Semiconductor MICRF505 Datasheet HTML 15Page - Micrel Semiconductor MICRF505 Datasheet HTML 16Page - Micrel Semiconductor MICRF505 Datasheet HTML 17Page - Micrel Semiconductor MICRF505 Datasheet HTML 18Page - Micrel Semiconductor MICRF505 Datasheet HTML 19Page - Micrel Semiconductor MICRF505 Datasheet HTML 20Page - Micrel Semiconductor MICRF505 Datasheet HTML 21Page - Micrel Semiconductor MICRF505 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MICRF505
Micrel
M9999-051304
18
May 13, 2004
Sallen-Key Filters
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
Modulation1
Modulation0
"0"
"0"
RSSI_en
LD_en
PF_FC1
PF_FC0
Each channel includes a pre-amplifier and a prefilter, which
is a three-pole Sallen-Key lowpass filter. It protects the
following switched-capacitor filter from strong adjacent chan-
nel signals, and it also works as an anti-aliasing filter. The
preamplifier has a gain of 22-23dB. The maximum output
voltage swing is about 1.4Vpp for a 2.25V power supply. In
addition, the IF amplifier also performs offset cancellation.
Gain varies by less than 0.5dB over a 2.0 - 2.5V variation in
power supply. The third order Sallen-Key low pass filter is
programmable to four different cut-off frequencies according
to the table below:
Switched Capacitor Filter
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
‘1’
ScClk_X2
ScClk5
ScClk4
ScClk3
ScClk2
ScClk1
ScClk0
PF_FC1
PF_FC0
Cut-off Freq. (kHz)
0
0
100
0
1
150
1
0
230
1
1
340
The main channel filter is a switched-capacitor implementa-
tion of a six-pole elliptic low pass filter. The elliptic filter
minimizes the total capacitance required for a given selectiv-
ity and dynamic range. The cut-off frequency of the switched-
capacitor filter is adjustable by changing the clock frequency.
The clock frequency is designed to be 20 times the cut-off
frequency. The clock frequency is derived from the reference
crystal oscillator. A programmable 6-bit divider divides the
frequency of the crystal oscillator. To generate the correct
non-overlapping clock-phases needed by the filter this fre-
quency is then divided by 4. The cut-off frequency of the filter
is given by:
f
f
80 ScClk
cut
XCO
=
◊
when ScClk_X2=0 and
f
f
40 ScClk
cut
XCO
=
◊
when ScClk_X2=1 where:
fcut: Filter cutoff frequency
fxco: Crystal oscillator frequency
ScCLK: Switched capacitor filter clock, bits ScClk5-0
For instance, for a crystal frequency of 32MHz and if the 6 bit
divider divides the input frequency by 5 the cut-off frequency
of the SC filter is 32MHz/(80
¥ 5) = 80kHz
1st order RC low pass filters are connected to the output of the
SC filter to filter the clock frequency.
The lowest cutoff frequency in the pre- and the main channel
filter must be set so that the received signal is passed with no
attenuation, that is frequency deviation plus modulation. If
there are any frequency offset between the transmitter and
the receiver, this must also be taken into consideration. A
formula for the receiver bandwidth can be summarized as
follows;
f
f
f
Baudrate / 2
BW
OFFSET
DEV
=+
+
+
where
fBW: Needed receiver bandwidth, fcut
above should not be smaller than fBW (Hz)
foffset: Total frequency offset between receiver and
transmitter [Hz]
fDEV: Single-sided frequency deviation,
see chapter Modulator on how to calculate (Hz)
Baudrate: The baud rate given in bit/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com