Electronic Components Datasheet Search
  English  ▼

X  

MICRF505 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MICRF505
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MICRF505 Datasheet HTML 19Page - Micrel Semiconductor MICRF505 Datasheet HTML 20Page - Micrel Semiconductor MICRF505 Datasheet HTML 21Page - Micrel Semiconductor MICRF505 Datasheet HTML 22Page - Micrel Semiconductor MICRF505 Datasheet HTML 23Page - Micrel Semiconductor MICRF505 Datasheet HTML 24Page - Micrel Semiconductor MICRF505 Datasheet HTML 25Page - Micrel Semiconductor MICRF505 Datasheet HTML 26Page - Micrel Semiconductor MICRF505 Datasheet HTML 27Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
May 13, 2004
25
M9999-051304
MICRF505
Micrel
The modulator filter will not influence on the frequency
deviation as long as the programmed cut-off frequency is
above the actual bit rate.
The frequency deviation must be programmed so that the
modulation index (2 x single sided frequency deviation/
Baudrate [bps]) always is greater than or equal to 2 including
the total frequency offset between the receiver and the
transmitter:
f
Baudrate
f
DEV
OFFSET
=+
The calculated fDEV should be used to calculate the needed
receiver bandwidth, see chapter Switched capacitor filter.
Using the XCO-tune Bits
The RF chip has a built-in mechanism for tuning the fre-
quency of the crystal oscillator and is often used in combina-
tion with the Frequency Error Estimator (FEE). The XCO
tuning is designed to eliminate or reduce initial frequency
tolerance of the crystal and/or the frequency stability over
temperature.
Figure 20: Crystal oscillator’s external components
If the value in XCO_tune is increased (adding capacitance),
the frequency will decrease.
The XCO uses two external capacitors. The value of these
will strongly affect the tuning range. With a 16.0 MHz crystal
(TN4-26011 from Toyocom), and external capacitor values of
1.5 pF, the tuning range will be (almost) equally divided
between Òincrease frequencyÓ and Òdecrease frequencyÓ.
That is, XCO_tune values greater than approx 16 will de-
crease frequency, and XCO_tune values less than approx 16
will increase frequency.
Figure. 21 XCO Tuning
A procedure for using the XCOtuning feature in combination
with the FEE is given below. The MICRF505 measures the
frequency offset between the demodulated signal and the Lo
and tune the XCO so the Lo frequency is equal to received
carrier frequency.
A procedure like this can be called during production (storing
the calibrated XCO_tune value), at regular intervals or imple-
mented in the communication protocol when the frequency
has changed.
The FEE can count “UP”-pulses and/or “DOWN”-pulses
(pulses out of the demodulator when a logic “1” or logic “0”,
resp., is received). The FEE can count pulses for n bits, where
n = 8, 16, 32 or 64.
Example: In FEE, count up+dwn pulses, counting 8 bits:
A perfect case ==> FEE = 0
If FEE > 0: LO is too low, increase LO by decreasing
XCO_tune value
v.v. for FEE <0
FEE field holds a a number in the range -128 , ... , 127
However, it keeps counting above/below the range, that is:
If FEE=-128 and still counting dwn-pulses:
1) => -129 = +127
2) 126
3) 125
...
To avoid this situation, always make sure max count is
between limits. Suggestion: Count for 8 (or 16) bits only.
Procedure description
In the procedure below, UP+DWN pulses are counted, and
only the sign of the FEE is used. The value of n is 8 or 16.
Assumption:
A transmitter is sending a 1010... pattern at the correct
frequency and bitrate
The wanted receiver frequency is the mid-point between
the “0” and “1” frequencies
Input:
Nothing
Output:
The best XCO_tune value
(giving the lowest |FEE|)
Local variables:
-60,0
-40,0
-20,0
0,0
20,0
40,0
60,0
80,0
100,0
0
8
16
24
32
XCO bitvalue
2x1.5pF
2x0pF
PIN 24, XTALOUT
XTALIN, PIN 23
C10
1.5pF
C11
1.5pF
Y1
TSX-10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com