Electronic Components Datasheet Search
  English  ▼

X  

MICRF505 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF505
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF505 Datasheet HTML 1Page - Micrel Semiconductor MICRF505 Datasheet HTML 2Page - Micrel Semiconductor MICRF505 Datasheet HTML 3Page - Micrel Semiconductor MICRF505 Datasheet HTML 4Page - Micrel Semiconductor MICRF505 Datasheet HTML 5Page - Micrel Semiconductor MICRF505 Datasheet HTML 6Page - Micrel Semiconductor MICRF505 Datasheet HTML 7Page - Micrel Semiconductor MICRF505 Datasheet HTML 8Page - Micrel Semiconductor MICRF505 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MICRF505
Micrel
M9999-051304
4
May 13, 2004
Absolute Maximum Ratings(1)
Supply Voltage (VDD) .................................................+3.3V
Voltage on any pin (GND = 0V) ................. –0.3V to 2.7V
Lead Temperature (soldering, 4 sec.) ...................... TBD
∞C
Storage Temperature (TS) ....................... –55∞C to +150∞C
ESD Rating(3) ............................................................................... 2kV
Operating Ratings(2)
Supply Voltage (VIN) ................................... +2.0V to +2.5V
RF Frequencies ................................... 850MHz to 950MHz
Data Rate (NRZ) .............................................. < 200kBaud
Ambient Temperature (TA) ......................... –40∞C to +85∞C
Package Thermal Resistance
MLF™
(qJA) multi-layer board ..........................41.7∞C/W
Electrical Characteristics(4)
fRF = 915MHz, Data-rate = 125kbps, Modulation type = closed-loop VCO modulation, VDD = 2.5V; TA = 25∞C, bold values indicate
–40
∞C £ TA £ +85∞C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
RF Frequency Operating Range
850
950
MHz
Power Supply
2.0
2.5
V
Power Down Current
0.3
mA
Standby Current
280
mA
VCO and PLL Section
Reference Frequency
440
MHz
PLL Lock Time
915MHz to 915.5MHz
0.5
ms
3kHz bandwidth
902MHz to 927MHz
1.7
ms
20kHz bandwidth
0.3
ms
Switch Time
Rx – Tx
0.6
ms
3kHz loop bandwidth
Tx – Rx
0.6
ms
Standby Rx
1.1
ms
Standby Tx
1.2
ms
Crystal Oscillator Start-Up Time
16MHz, 9pF load, 5.6pF loading capacitors
1.2
ms
Charge Pump Current
VCPOUT = 1.1V, CP_HI = 0
125
mA
VCPOUT = 1.1V, CP_HI = 1
500
mA
Charge Pump Tolerance
20
%
Transmit Section
Output Power
RLOAD = 50W, Pa2-0-111
10
dBm
RLOAD = 50W, Pa2-0-001
–8
dBm
Output Power Tolerance
Over temperature range
2
dB
Over power supply range
3
dB
Tx Current Consumption
RLOAD = 50W, Pa2-0-111
28
mA
RLOAD = 50W, Pa2-0-001
14
mA
Tx Current Consumption Variation
10dBm
2.5
mA
Binary FSK Frequency Separation(5)
bitrate = 200kbps
20
500
kHz
Data Rate(5)
VCO modulation
20
200
kbps
Occupid bandwidth
20kbps,
b = 2, 20dBc
kHz
125kbps,
b = 2, 20dBc
kHz
200kbps,
b = 2, 20dBc
kHz
2nd Harmonic
–25
dBm
3rd Harmonic
–15
dBm
Spurious Emission < 1GHz(5)
< –54
dBm
Spurious Emission < 1GHz(5)
< –30
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com