Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
164
JFA CONNECTOR/J300 SERIES
List of J300 series products
B
A
A
B
A
A
B
A
A
B
A
B
A
B
A
J310S
Single-row type
Circuits
3, 4, 5, 6, 8,10
3, 4, 5, 6, 8,10
3, 5, 8,10
3, 5, 8,10
J310D
Double-row type
[line pitch 5.08mm(.200")]
Circuits
6, 8,10,12,16, 20
6, 8,10,12,16, 20
6, 8,10,12,16, 20
6, 8,10,12,16, 20
J310M
Double-row module
type
[line pitch 7.62mm(.300")]
Circuits
6
6
Type
Wire to Board
Top entry type
Side entry type
Free hanging type
Panel mounting type
3.81mm(.150") pitch / Voltage rating 250V AC
Wire to Wire
J340F
Four-row
type
[line pitch 5.08mm(.200")]
Circuits
12, 20
A
B
C
D
Circuits
B
A
J-3
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com