Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 15 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 15 Page - JST Mfg. Co., Ltd.

Back Button JFA Datasheet HTML 11Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 12Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 13Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 14Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 15Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 16Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 17Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 18Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 19Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
177
JFA CONNECTOR/J320M
XX Type
XY Type
YY Type
J320M series have mis-insertion preventive keying.
Available in 3 types - XX type, YY type and XY type.
(Headers viewed from the mating side are shown below.)
Line A
Indication
of keying
Line B
Line A
Key rib
Line B
Line A
Line B
Key rib
Key rib
Indication
of keying
Indication
of keying
Keying ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
With the combination of the J320M headers and the J320M/J320S receptacle housings,
the following modular combinations are possible.
Tab housing
Header
X type
Free hanging type
F32MSF-
V-KX
Panel mounting type
F32MSP-
V-KX
Free hanging type
Panel mounting type
Top entry type
Side entry type
Top entry type
Side entry type
Free hanging type
Panel mounting type
Y type
Free hanging type
F32MSF-
V-KY
Panel mounting type
F32MSP-
V-KY
XX type
Free hanging type
F32MDF-
V-KXX
Panel mounting type
F32MDP-
V-KXX
Single-row
3-circuits
(J320S)
Double-row
6,12-circuits
(J320M)
YY type
Free hanging type
F32MDF-
V-KYY
Panel mounting type
F32MDP-
V-KYY
XY type
Free hanging type
F32MDF-
V-KXY
Panel mounting type
F32MDP-
V-KXY
X type
Top entry type
B B-F32SK-GGX
Side entry type
S B-F32SK-GGX
Y type
Top entry type
B B-F32SK-GGY
Side entry type
S B-F32SK-GGY
XX type
Top entry type
B B-F32MK-GGXX
Side entry type
S B-F32MK-GGXX
Single-row
3, 5, 6-circuits
(J320S)
Double-row
6,10,12-circuits
(J320M)
YY type
Top entry type
B B-F32MK-GGYY
Side entry type
S B-F32MK-GGYY
XY type
Top entry type
B B-F32MK-GGXY
Side entry type
S B-F32MK-GGXY
Receptacle housing
X type
F32FSS-
V-KX
Y type
F32FSS-
V-KY
XX type
F32FMS-
V-KXX
Single-row
3, 5, 6-circuits
(J320S)
Double-row
6,10,12-circuits
(J320M)
YY type
F32FMS-
V-KYY
XY type
F32FMS-
V-KXY
B
A
J-3
20
B
A
J-320
B
A
List of combinations ––––––––––––––––––––––––––––––––––––––––––––––––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com