Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
166
JFA CONNECTOR/J300 SERIES
17.9(.705)[2L:18.4(.724)]
[5.3(.209), 2L:5.8(.228)]
[2.5(.098), 2L:3.0(.118)]
[9.3(.366)]
17.9(.705)[2L:18.4(.724)]
Strip form
Loose piece
Applicable wire
Model No.
Nominal
Material and Finish
Copper alloy (superior conductivity), nickel-undercoated, selective gold-plated
Tin-plated
mm2
AWG#
Insulation O.D.
mm (in.)
Q'ty
SF3F-002(*)-P2.0
SF3F-01(*)-P2.0
SF3F-41(*)-P2.0
*SF3F-71(*)-P2.0
BF3F-002(*)-P2.0
BF3F-01(*)-P2.0
LF3F-41(*)-P2.0
*BF3F-71(*)-P2.0
S
M
L
2L
0.08 to 0.20
0.20 to 0.50
0.50 to 1.25
1.25 to 2.0
28 to 24
24 to 20
20 to 16
16 to 14
0.8 to 1.4 (.031 to .055)
1.2 to 2.6 (.047 to .102)
1.8 to 2.8 (.071 to .110)
2.4 to 3.4 (.094 to .134)
3,700
3,700
Note2)3,300
Note2)3,200
1,000
1,000
1,000
1,000
reel
box(Loose piece)
Receptacle contact ––––––––––––––––––––––––––––––––––––––––––––––––––––––––
[11.4 (.449)]
24.7(.972)[2L:25.2(.992)]
24.7(.972)[2L:25.2(.992)]
[5.3(.209), 2L:5.8(.228)]
[2.5(.098), 2L:3.0(.118)]
Strip form
Loose piece
Applicable wire
Model No.
Nominal
Material and Finish
Copper alloy (superior conductivity), nickel-undercoated, selective gold-plated
Tin-plated
mm2
AWG#
Insulation O.D.
mm (in.)
Q'ty
Under developing
SF3M-01(*)-M2.0N
SF3M-41(*)-M2.0N
*SF3M-71(*)-M2.0N
Under developing
BF3M-01(*)-M2.0N
LF3M-41(*)-M2.0N
*BF3M-71(*)-M2.0N
S
M
L
2L
0.08 to 0.20
0.20 to 0.50
0.50 to 1.25
1.25 to 2.0
28 to 24
24 to 20
20 to 16
16 to 14
0.8 to 1.4 (.031 to .055)
1.2 to 2.6 (.047 to .102)
1.8 to 2.8 (.071 to .110)
2.4 to 3.4 (.094 to .134)
-
3,500
3,300
3,200
-
1,000
1,000
1,000
reel
box(Loose piece)
Tab contact ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
• Plating of the contact
• Common marking on the contact and its application tools
Receptacle contact
Tab contact
Receptacle contact
Tab contact
J3
L
Contact size mark
Wire range mark
J-3
L
Contact size mark
Wire range mark
JST
2
Indication of the plating
JST
2
Indication of the plating
Each contact has a marking on its side so that the type or
thickness of the plating is recognized.
ex. 2 ... gold-plated 0.38 micron thickness
In order to avoid incorrect combination of the hand crimp tools and
the contacts, the contact size mark (J-3) and wire range mark (S,
M, L, 2L) are shown on both the tools and the contacts.
J-3 S..... AWG #28 to #24
M.... AWG #24 to #20
L..... AWG #20 to #16
2L... AWG #16 to #14
Recognition mark –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Contact
Crimp applicator MKS-L
Compact crimp applicator MKS-LS
Strip-crimp applicator MKS-SC
with safety cover
without safety cover
with safety cover
without safety cover
with safety cover
Applicator for the semi-automatic press AP-K2N –––––––––––––––––––––––––––––––
SF3F-002GF-P2.0
APLMK SF3F/M002-20
APLNC SF3F/M002-20
––
–
SF3F-01GF-P2.0
APLMK SF3F/M01-20
APLNC SF3F/M01-20
––
–
SF3M-01GF-M2.0N
APLMK SF3F/M01-20
APLNC SF3F/M01-20
––
–
SF3F-41GF-P2.0
APLMK SF3F/M41-20
APLNC SF3F/M41-20
––
–
SF3M-41GF-M2.0N
APLMK SF3F/M41-20
APLNC SF3F/M41-20
––
–
SF3F-71GF-P2.0
APLMK SF3F/M71-20
APLNC SF3F/M71-20
––
–
SF3M-71GF-M2.0N
APLMK SF3F/M71-20
APLNC SF3F/M71-20
––
–
Note: 1. Finish (*): GF…Nickel-undercoated, selective gold-plated
T…Tin-plated
2. Contact JST for containg quantity.
3. *Marked products are not CSA/TÜV approved.
Note: 1. Finish (*): GF…Nickel-undercoated, selective gold-plated
T…Tin-plated
2. *Marked products are not CSA/TÜV approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com