Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
165
JFA CONNECTOR/J300 SERIES
J-320
B
A
J-320
B
A
B
A
B
A
B
A
J320S
Single-row type
Circuits
2, 3, 4, 5, 6
2, 3, 4, 5, 6
12, 20
12, 20
2, 3, 4
2, 3, 4
J350D
Double-row type
[line pitch 5.08mm(.200")]
Circuits
J320M
Double-row module
type
[line pitch 7.62mm(.300")]
Circuits
6,10,12
6,10,12
6,12
6,12
J320T
Triple-row module
type
[line pitch 7.62mm(.300")]
Circuits
9
Type
Wire to Board
Top entry type
Side entry type
Free hanging type
Panel mounting type
5.08mm(.200") pitch / Voltage rating 600V AC
Wire to Wire
J360T
Triple-row common
type
[line pitch 5.08mm(.200")]
Circuits
9,18
1
2
3
4
5
1
2
3
4
5
J-3
50
10
1
2
3
4
5
6
7
8
9
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com