Electronic Components Datasheet Search
  English  ▼

X  

G698 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G698
Description  Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G698 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G698 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.3
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G698/G699
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC.……………………………..…….…….-0.3V to +6.0V
Delay Capacitor Pin Voltage, VCD…..-0.3 to (VCC +0.3V)
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
RESET (open drain)...…......…................-0.3V to +6.0V
Input Current, VCC ............................…..…............20mA
Output Current, RESET, RESET ......…...............20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 2.17mW/°C above +70°C).174mW
Operating Temperature Range …...…..-40°C to +105°C
Storage Temperature Range..….…......-65°C to +150°C
Lead Temperature (soldering, 10s).….….………+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNIT
TA = 0°C +70°C
0.8
---
5.5
VCC Range
TA = -40°C +105°C
1
---
5.5
V
VCC<5.5V, G69_ _463/438/400/330_
---
16.5
25
Supply Current (SOT23-5)
ICC
VCC<3.6V, G69_ _308/293/263_
---
13.9
22
µA
G69_ _463_
4.50
4.60
4.69
G69_ _438_
4.23
4.32
4.40
G69_ _400_
3.88
3.96
4.04
G69_ _330_
3.25
3.30
3.37
G69_ _308_
3.04
3.10
3.16
G69_ _293_
2.86
2.91
2.96
Reset Threshold
VTH-
G69_ _263_
2.59
2.64
2.69
V
Reset Threshold Hysterisis
VHYS
3.6
5.3
7
%
Reset Threshold Tempco
---
70
---
ppm/°C
CD Delay Pin Threshold Voltage
VTDC
0.87
1.25
1.29
V
Delay Capacitor Pin Sink Current
VCC = 1.5V, VCD = 0.5V
3
5
---
mA
Delay Capacitor Pin Source Current
ICD
VCC > VTH- + VHYS
0.5
0.88
1.2
µA
RESET
Output Current Low (push-pull
active low,
and open-drain active-low, G698L and
G699L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
---
---
mA
VCC = 5V, V RESET = 4.5V,
G698L463/438/400/330
4.5
---
---
VCC = 3.3V, V RESET = 2.8V,
G698L308/293
3
---
---
RESET
Output Current High
(push-pull active low, G698L)
IOH
VCC = 3V, V RESET = 2.5V,
G698L263
2
---
---
mA
VCC = 5V, VRESET = 0.5V,
G698H463/438/400/330
16
---
---
VCC = 3.3V, VRESET = 0.5V,
G698H308/293
12
---
---
RESET Output Current Low (push-pull
active high, G698H)
IOL
VCC = 3V, VRESET = 0.5V,
G698H263
10
---
---
mA
RESET Output Current High
(push-pull active high, G698H)
IOH
VCC = 2.5V, VRESET = 2V
2
---
---
mA
RESET
Open-Drain Output Leakage
Current (G699L)
VCC > VTH, RESET deasserted
---
---
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com